Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPU3316DHP-R33N Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TPU3316DHP-R33N
Description  TPUDHP Wirewound Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU3316DHP-R33N Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPU3316DHP-R33N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU3316DHP-R33N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU3316DHP-R33N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU3316DHP-R33N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
TPU××DHP Wirewound Power Inductors
Version 2010
(TPU1813DHP) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU1813DHP - R56N
0.56
100
0.010
7.70
TPU1813DHP - 1R2M
1.20
100
0.017
5.30
TPU1813DHP - 2R2M
2.20
100
0.035
3.50
TPU1813DHP - 4R7M
4.70
100
0.054
2.60
TPU1813DHP - 100M
10.00
100
0.111
1.90
TPU1813DHP - 150M
15.00
100
0.170
1.50
TPU1813DHP - 220M
22.00
100
0.250
1.20
TPU1813DHP - 330M
33.00
100
0.350
0.99
TPU1813DHP - 470M
47.00
100
0.470
0.87
Note: Test Freq.: 100KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
(TPU3316DHP) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU3316DHP - R33N
0.33
100
0.002
20.00
TPU3316DHP - R68N
0.68
100
0.005
13.00
TPU3316DHP - 1R0N
1.00
100
0.006
11.00
TPU3316DHP - 1R5M
1.50
100
0.008
9.00
TPU3316DHP - 2R2M
2.20
100
0.011
7.80
TPU3316DHP - 2R7M
2.70
100
0.012
7.00
TPU3316DHP - 3R3M
3.30
100
0.014
6.40
TPU3316DHP - 4R7M
4.70
100
0.018
5.40
Note: Test Freq.: 100KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
(TPU5022DHP) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU5022DHP - R78N
0.78
100
0.0026
30.00
TPU5022DHP - 1R5M
1.50
100
0.0040
25.00
TPU5022DHP - 2R2M
2.20
100
0.0061
20.00
TPU5022DHP - 3R3M
3.30
100
0.0086
17.00
TPU5022DHP - 3R9M
3.90
100
0.010
15.00
TPU5022DHP - 4R7M
4.70
100
0.014
13.00
TPU5022DHP - 6R0M
6.00
100
0.017
12.00
TPU5022DHP - 7R8M
7.80
100
0.018
11.00
TPU5022DHP - 100M
10.00
100
0.026
10.00
TPU5022DHP - 150M
15.00
100
0.032
8.00
Note: Test Freq.: 100KHz / 0.1V
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com