Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8155 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE8155
Description  Narrow-Band Power-Line Communications Slave Modem IC with Networking Stack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8155 Datasheet(HTML) 1 Page - Analog Devices

  ADE8155 Datasheet HTML 1Page - Analog Devices ADE8155 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Narrow-Band Power-Line Communications
Slave Modem IC with Networking Stack
ADE8155
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Narrow-band power-line communications IC
Integrates PHY through networking layer
Simple host interface
Application layer
Supports DL/T 645-1997 or -2007 China-specific protocol
as well as passthrough option
Networking layer
Master/slave architecture
Designed to work with ADE8165 master PLC modem ICs,
which support
Dynamic routing
Automatic discovery of authenticated devices
Logical address management
Data link layer
Automatic baud rate negotiation
Up to 63-byte packet support
Physical layer
CPFSK modulation
Choice of two frequency bands
Carrier frequencies: 105.5 kHz and 118.7 kHz
Carrier frequencies: 74.9 kHz and 84.2 kHz
Up to 800 bps on a 1-phase network and 2400 bps on a
3-phase network
Zero-crossing synchronized receive/transmit
6-byte physical address for logical address assignment
Communication interface
UART
Option to use DL/T 645-1997 or -2007 China-specific
application layer interface
Package and temperature range
40-lead 6 mm × 6 mm LFCSP
Fully specified for −40°C to +85°C operation
GENERAL DESCRIPTION
The ADE81551 incorporates a high performance ADC and DAC
to create a very robust CPFSK power-line communications IC
complete with networking functionality. The ADE8155 slave
modem IC is designed to work with the ADE8165 master modem
IC for a complete power-line communication system.
In an advanced metering infrastructure (AMI) scenario, the
ADE8155 slave modem IC is used to connect the energy meter
to the power line. Then the ADE8165 master PLC modem is
used near the transformer to communicate with multiple meters
on one phase. The power-line communication is independent
on each phase; therefore, three ADE8165 master PLC modem
ICs are used in a PLC module within the concentrator to read
meters on all three phases.
A UART communication interface is supported.
For more information on the ADE8155, contact your local sales
office at Analog Devices, Inc.
1 US patents pending.
FUNCTIONAL BLOCK DIAGRAM
DEMODULATOR
MODULATOR
PLC_RX+
PLC_RX–
12-BIT
ADC
DAC
PLC_TX
37
38
6
PHY
CENELEC_B 31
VMON 39
RX_LED
11
ATU/RXEN
DLL
UART
ADE8155
NL
STA
RX
23
TX
22
CONNECT_LED 10
VDD
15
LDO
VINTD
16
DGND
14
DGND
17
RST
19
AVDD
36
AGND
35
VREF
34
AGND
5
TXEN
32
XTAL0
24
XTAL1
25
OSC
ZX 20
26
INSTALL 21
EVENT 33
ATU/RXEN
26
RS485_OE
29
30
Figure 1.


Similar Part No. - ADE8155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8157 AD-ADE8157 Datasheet
63Kb / 2P
Narrow-Band Power Line
Rev. SpB
More results

Similar Description - ADE8155

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
NARROW BAND FM IF IC
logo
TOKO, Inc
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
NARROW BAND FM IF IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292_1 Datasheet
131Kb / 6P
NARROW BAND FM IF IC
logo
Analog Devices
ADE8165 AD-ADE8165 Datasheet
58Kb / 2P
Narrow-Band Power-Line Communications Master Modem IC with Networking Stack
Rev. Sp0
ADE8157 AD-ADE8157 Datasheet
63Kb / 2P
Narrow-Band Power Line
Rev. SpB
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
UM1573 STMICROELECTRONICS-UM1573 Datasheet
774Kb / 27P
ST7540 power line modem firmware stack
12-Nov-2012
logo
Radiometrix Ltd
HNM2-458-19 RADIOMETRIX-HNM2-458-19 Datasheet
317Kb / 5P
High Power Narrow Band Category 1 Radio Modem
LNM2H-458-19 RADIOMETRIX-LNM2H-458-19 Datasheet
593Kb / 13P
High Power Narrow Band Category 1 Radio Modem
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com