Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5536ARKZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5536ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5536ARKZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5536ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADL5536
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RFIN
GND
RFOUT
1
2
3
GND
ADL5536
TOP VIEW
(Not to Scale)
(2)
NOTES
1. THE EXPOSED PADDLE IS
INTERNALLY CONNECTED TO GND
AND MUST BE SOLDERED TO A LOW
IMPEDANCE GROUND PLANE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. This pin requires a dc blocking capacitor.
2
GND
Ground. Connect this pin to a low impedance ground plane.
3
RFOUT
RF Output and Supply Voltage. A dc bias is provided to this pin through an inductor that is connected to the
external power supply. The RF path requires a dc blocking capacitor.
(2)
Exposed Paddle
Exposed Paddle. The exposed paddle is internally connected to GND and must be soldered to a low impedance
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com