Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5536ARKZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5536ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5536ARKZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5536ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5536ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5536
Rev. 0 | Page 12 of 16
EVALUATION BOARD
Figure 19 shows the evaluation board layout, and Figure 20
shows the schematic for the ADL5536 evaluation board. The
board is powered by a single 5 V supply.
The components used on the board are listed in Table 6.
Power can be applied to the board through clip-on leads
(VCC and GND).
Figure 19. Evaluation Board Layout (Top)
GND
1
2
3
C6
1µF
L1
470nH
GND
RFOUT
C5
C4
C2
C1
VCC
RFIN
ADL5536
(2)
0.1µF
1.2nF
68pF
0.1µF
Figure 20. Evaluation Board Schematic
Table 6. Evaluation Board Components
Component
Description
Default Value
C1, C2
AC coupling capacitors
0.1 μF, 0402
L1
DC bias inductor
470 nH, 0603 (Coilcraft 0603LS-NX or equivalent)
VCC, GND
Clip-on terminals for power supply
C4
Power supply decoupling capacitor
68 pF, 0603
C5
Power supply decoupling capacitor
1.2 nF, 0603
C6
Power supply decoupling capacitor
1 μF, 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com