Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5902
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5902 Datasheet HTML 9Page - Analog Devices ADL5902 Datasheet HTML 10Page - Analog Devices ADL5902 Datasheet HTML 11Page - Analog Devices ADL5902 Datasheet HTML 12Page - Analog Devices ADL5902 Datasheet HTML 13Page - Analog Devices ADL5902 Datasheet HTML 14Page - Analog Devices ADL5902 Datasheet HTML 15Page - Analog Devices ADL5902 Datasheet HTML 16Page - Analog Devices ADL5902 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADL5902
Rev. 0 | Page 13 of 28
1.29
1.32
1.35
1.38
1.41
1.44
1.47
1.50
0
100
200
300
400
VTEMP VOLTAGE (V)
REPRESENTS 1900
PARTS FROM 3 LOTS
Figure 27. Distribution of VTEMP Voltage at 25°C, No RF Input
0
100
200
300
400
VREF BIAS VOLTAGE (V)
2.19
2.22
2.25
2.28
2.31
2.34
2.37
2.40
2.43
REPRESENTS 1900
PARTS FROM 3 LOTS
Figure 28. Distribution of VREF Voltage at 25°C, No RF Input
–40
–30
–20
–10
0
10
20
30
40
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 29. Change in VREF vs. Temperature with Respect to 25°C,
RF Input = −40 dBm, Typical Device
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
Figure 30. VTEMP and Linearity Error with Respect to Straight Line vs.
Temperature for Typical Device
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
–50
–40
–30
–20
–10
0
10
20
PIN (dBm)
Figure 31. Change in VREF vs. Input Amplitude with Respect to −40 dBm,
25°C, Typical Device
0.1
1
10
100
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
VPWDN (V)
VPWDN
INCREASING
VPWDN
DECREASING
Figure 32. Supply Current vs. VPWDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com