Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5902
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5902 Datasheet HTML 17Page - Analog Devices ADL5902 Datasheet HTML 18Page - Analog Devices ADL5902 Datasheet HTML 19Page - Analog Devices ADL5902 Datasheet HTML 20Page - Analog Devices ADL5902 Datasheet HTML 21Page - Analog Devices ADL5902 Datasheet HTML 22Page - Analog Devices ADL5902 Datasheet HTML 23Page - Analog Devices ADL5902 Datasheet HTML 24Page - Analog Devices ADL5902 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADL5902
Rev. 0 | Page 21 of 28
X2
BIAS AND POWER-
DOWN CONTROL
1
NC
NC
NC
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
IDET
26pF
2
3
4
11
10
9
5
6
7
8
16
15
14
13
ADL5902
12
VREF
2.3V
TEMPERATURE
SENSOR
INLO
INHI
VPOS
POS
TEMP
VSET
VOUT
CLPF
COMM
COMM
VTGT
VREF
TADJ/PWDN
G = 5
ITGT
X2
C9
10nF
(SEE TABLE 6 AND
FIGURE 46.)
CFILTER
(SEE FIGURE 48.)
RFILTER
2k
Ω
VOUT
Figure 47. Optimizing Setting Time and Residual Ripple
In Figure 47, CLPF is equal to 10 nF. This value was experiment-
ally determined to be the minimum capacitance that ensures
good rms compliance when the ADL5902 is driven by a 1 C
W-CDMA signal (TM1-64). This test was carried out by
starting out with a large capacitance value on the CLPF pin (for
example, 10 µF). The value of VOUT was noted for a fixed input
power level (for example, −10 dBm). The value of CLPF was then
progressively reduced (this can be done with press-down
capacitors) until the value of VOUT started to deviate from its
original value (this indicates that the accuracy of the rms
computation is degrading and that CLPF is getting too small).
Figure 48
shows the resulting rise and fall times (signal is pulsed
between off and −10 dBm) with CLPF equal to 10 nF. A 2 kΩ
resistor is placed in series with the VOUT pin, and the
capacitance from this resistor to ground (CFILTER in Figure 47) is
varied up to 1 µF.
1
10
100
1k
10k
100k
1M
0
50
100
150
200
250
300
1
10
100
1k
CFILTER (nF)
RESIDUAL RIPPLE (V p-p)
10% TO 90% RISE TIME (µs)
90% TO 10% FALL TIME (µs)
Figure 48. Residual Ripple, Rise and Fall Times Using an RC Low-Pass Filter
at VOUT, PIN = 0 dBm at 2.14 GHz
For large values of CFILTER, the fall time is dramatically reduced
compared to Figure 46. This comes at the expense of a moderate
increase in rise time.
As CFILTER is reduced, the fall time flattens out. This is because
the fall time is now dominated by the 10 nF CLPF which is
present throughout the measurement.
Table 6 shows recommended minimum values of CLPF for
popular modulation schemes, using just a single filter capacitor
at the CLPF pin. Using lower capacitor values results in rms
measurement errors. Output response time (10% to 90%) is also
shown. If the output noise shown in Table 6 is unacceptably
high, it can be reduced by
•
Increasing CLPF
•
Adding an RC filter at VOUT, as shown in Figure 47
•
Implementing an averaging algorithm after the ADL5902’s
output voltage has been digitized by an ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com