Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP404 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP404
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP404 Datasheet(HTML) 1 Page - Analog Devices

  ADMP404 Datasheet HTML 1Page - Analog Devices ADMP404 Datasheet HTML 2Page - Analog Devices ADMP404 Datasheet HTML 3Page - Analog Devices ADMP404 Datasheet HTML 4Page - Analog Devices ADMP404 Datasheet HTML 5Page - Analog Devices ADMP404 Datasheet HTML 6Page - Analog Devices ADMP404 Datasheet HTML 7Page - Analog Devices ADMP404 Datasheet HTML 8Page - Analog Devices ADMP404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Omnidirectional Microphone with
Bottom Port and Analog Output
Preliminary Technical Data
ADMP404
Rev. PrH
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Tiny 3.35 mm × 2.50 mm × 0.88 mm surface-mount package
High SNR of 62 dBA
High sensitivity of −38 dBV
Flat frequency response from 100 Hz to 15 kHz
Low current consumption: <250 µA
Single-ended analog output
High PSRR of 70 dB
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Smartphones and feature phones
Digital video cameras
Bluetooth headsets
Video phones
Teleconferencing systems
GENERAL DESCRIPTION
The ADMP404 is a high quality, low cost, low power, analog
output bottom-ported omnidirectional MEMS microphone.
The ADMP404 consists of a MEMS microphone element, an
impedance converter, and an output amplifier. The ADMP404
sensitivity specification makes it an excellent choice for both
near field and far field applications. The ADMP404 has a high
SNR and flat, wideband frequency response, resulting in natural
sound with high intelligibility. Low current consumption
enables long battery life for portable applications. A built-in
particle filter provides high reliability. The ADMP404 complies
with the TIA-920 Telecommunications Telephone Terminal
Equipment Transmission Requirements for Wideband Digital
Wireline Telephones standard.
The ADMP404 is available in an ultraminiature 3.35 mm ×
2.50 mm × 0.88 mm surface-mount package. It is reflow solder
compatible with no sensitivity degradation. The ADMP404 is
halide free.
FUNCTIONAL BLOCK DIAGRAM
ASIC
VDD
OUTPUT
GND
MEMS
MEMBRANE
BACKPLATE
IMPEDANCE
CONVERTER
OUTPUT AMPLIFIER
ADMP404
Figure 1.


Similar Part No. - ADMP404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401-1ACEZ-RL AD-ADMP401-1ACEZ-RL Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401-1ACEZ-RL7 AD-ADMP401-1ACEZ-RL7 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP401ACEZ-RL AD-ADMP401ACEZ-RL Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
More results

Similar Description - ADMP404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com