Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP404 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMP404
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP404 Datasheet(HTML) 3 Page - Analog Devices

  ADMP404 Datasheet HTML 1Page - Analog Devices ADMP404 Datasheet HTML 2Page - Analog Devices ADMP404 Datasheet HTML 3Page - Analog Devices ADMP404 Datasheet HTML 4Page - Analog Devices ADMP404 Datasheet HTML 5Page - Analog Devices ADMP404 Datasheet HTML 6Page - Analog Devices ADMP404 Datasheet HTML 7Page - Analog Devices ADMP404 Datasheet HTML 8Page - Analog Devices ADMP404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Technical Data
ADMP404
Rev. PrH | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not
guaranteed.
Table 1.
Parameter
Symbol Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−41
−38
−35
dBV
Signal-to-Noise Ratio
SNR
62
dBA
Equivalent Input Noise
EIN
32
dBA SPL
Frequency Response1
Low frequency –3 dB point
100
Hz
High frequency –3 dB point
15
kHz
Deviation from flat response within pass band
−3
+2
dB
Total Harmonic Distortion
THD
105 dB SPL
3
%
Power Supply Rejection Ratio
PSRR
217 Hz, 100 mV p-p square wave
superimposed on VDD = 1.8 V
70
dB
Maximum Acoustic Input
Peak
120
dB SPL
POWER SUPPLY
Supply Voltage
VDD
1.5
3.6
V
Supply Current
IS
250
µA
OUTPUT CHARACTERISTICS
Output impedance
ZOUT
200
Ω
Output DC Offset
0.8
V
Output Current Limit
90
µA
Polarity
Noninverting2
1
See Figure 4 and Figure 6.
2
Positive going (increasing) pressure on the membrane results in a positive going (increasing) output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com