Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADL5902
Rev. 0 | Page 18 of 28
stability of the RF measurement system. Typically, the
temperature compensation circuit responds only to voltages
between 0 and VS/2, or about 2.5 V when VS = 5 V.
Figure 41 in the Power-Down Interface section shows a simpli-
fied schematic representation of the TADJ/PWDN interface.
POWER-DOWN INTERFACE
The quiescent and disabled currents for the ADL5902 at 25°C
are approximately 73 mA and 300 µA, respectively. The dual
function TADJ/PWDN pin is connected to the temperature
compensation circuit as well as the power-down circuit.
Typically, the temperature compensation circuit responds only
to voltages between 0 and VS/2, or about 2.5 V when VS = 5 V.
When the voltage on this pin is greater than VS − 0.1 V, the
device is fully powered down. Figure 32 shows this charac-
teristic as a function of VPWDN. Note that, because of the design
of this section of the ADL5902, as VPWDN passes through a
narrow range at ~4.5 V (or ~VS − 0.5 V), the TADJ/PWDN pin
sinks approximately 500 µA. The source used to disable the
ADL5902 must have a sufficiently high current capability for this
reason. Figure 33 shows the typical response times for various
RF input levels. The output reaches within 0.1 dB of its steady-
state value in approximately 5 µs; however, the reference voltage is
available to full accuracy in a much shorter time. This wake-up
response varies depending on the input coupling and CLPF.
TADJ/
PWDN
COMM
VPOS
200
Ω
200
Ω
7k
Ω
7k
Ω
VREF
INTERCEPT
TEMPERATURE
COMPENSATION
200
Ω
POWER-UP
CIRCUIT
SHUTDOWN
CIRCUIT
ESD
ESD
ESD
Figure 41. TADJ/PWDN Interface Simplified Schematic
VSET INTERFACE
The VSET interface has a high input impedance of 72 kΩ. The
voltage at VSET is converted to an internal current used to set
the internal VGA gain. The VGA attenuation control is approx-
imately 19 dB/V.
ACOM
2.5k
Ω
18k
Ω
VSET
GAIN ADJUST
54k
Ω
Figure 42. VSET Interface Simplified Schematic
OUTPUT INTERFACE
The ADL5902 incorporates rail-to-rail output drivers with pull-
up and pull-down capabilities. The closed-loop, − 3dB band-
width from the input of the output amplifier to the output with
no load is approximately 58 MHz with a single-pole roll off of
approximately −20 dB/decade. The output noise is approxi-
mately 25 nV/√Hz at 100 kHz. The VOUT pin can source and
sink up to 10 mA. There is also an internal load from VOUT
to COMM of 2500 Ω.
VOUT
CLPF
2k
Ω
500
Ω
2pF
ESD
ESD
ESD
VPOS
COMM
Figure 43. VOUT Interface Simplified Schematic
VTGT INTERFACE
The target voltage can be set with an external source or by
connecting the VREF pin (nominally 2.3 V) to the VTGT pin
through a resistive voltage divider. With 0.8 V on the VTGT pin,
the rms voltage that must be provided by the VGA to balance the
AGC feedback loop is 0.8 V × 0.05 = 40 mV rms. Most of the
characterization information in this data sheet was collected at
VTGT = 0.8 V. Voltages higher and lower than this can be used;
however, doing so increases or decreases the gain at the internal
squaring cell, which results in a corresponding increase or
decrease in intercept. This, in turn, affects the sensitivity and the
usable measurement range, in addition to the sensitivity to
different carrier modulation schemes. As VTGT decreases, the
squaring circuits produce more noise; this becomes noticeable
in the output response at low input signal amplitudes. As VTGT
increases, measurement error due to modulation increases and
temperature drift tends to decrease. The chosen VTGT value of
0.8 V represents a compromise between these characteristics.
VTGT
50k
Ω
50k
Ω
10k
Ω
ESD
ESD
ESD
VPOS
COMM
g × X2
ITGT
Figure 44. VTGT Interface
BASIS FOR ERROR CALCULATIONS
The slope and intercept used in the error plots are calculated using
the coefficients of a linear regression performed on data collected
in its central operating range. The error plots in the Typical
Performance Characteristics section are shown in two formats:
error from the ideal line and error with respect to the 25°C
output voltage. The error from the ideal line is the decibel
difference in VOUT from the ideal straight-line fit of VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com