Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5902ACPZ-R2
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5902ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5902ACPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADL5902
Rev. 0 | Page 22 of 28
Table 6. Recommended Minimum CLPF Values for Various Modulation Schemes
Modulation/Standard
Peak-Envelope
Power
Signal
Bandwidth
CLPF (min)
Output Noise
Rise/Fall Time (10% to 90%)
W-CDMA, One-Carrier, TM1-64
10.56 dB
3.84 MHz
10 nF
95 mV p-p
12/330 µs
W-CDMA Four-Carrier, TM1-64, TM1-32,
TM1-16, TM1-8
12.08 dB
18.84 MHz
5.6 nF
164 mV p-p
7/200 µs
LTE, TM1 1CR 20 MHz (2048 Subcarriers,
QPSK Subcarrier Modulation)
11.58 dB
20 MHz
1000 pF
452 mV p-p
1.3/38 µs
OUTPUT VOLTAGE SCALING
The output voltage range of the ADL5902 (nominally 0.3 V to
3.5 V) can be easily increased or decreased. There are a number
of situations where adjustment of the output scaling makes
sense. For example, if the ADL5902 is driving an analog-to-
digital converter (ADC) with a 0 V to 5 V input range, it makes
sense to increase the detector’s nominal maximum output
voltage of 3.5 V so that it is closer to 5 V. This makes better use
of the input range of the ADC and maximizes the resolution of
the system in terms of bits/dB.
If only a part of the ADL5902’s RF input power range is being
used (for example, −10 dBm to −60 dBm), it may make sense to
increase the scaling so that this reduced input range fits into the
ADL5902’s available output swing of 0 V to 4.8 V.
The output swing can also be reduced by simply adding a
voltage divider on the output pin, as shown in Figure 49.
Reducing the output scaling may be used when interfacing the
ADL5902 to an ADC with a 0 V to 2.5 V input range.
The output voltage swing can be increased using a technique
that is analogous to setting the gain of an op amp in non-
inverting mode with the VSET pin being the equivalent of the
inverting input of the op amp.
Connecting VOUT to VSET results in the nominal 0 V to 3.5 V
swing and a slope of approximately 53 mV/dB (this varies
slightly with frequency). Figure 49 and Table 7 show the con-
figurations for increasing the slope, along with recommended
standard resistor values for particular input ranges and output
swings.
6
7
VSET
R1
R2
VOUT
6
7
VSET
R1
R2
VOUT
Figure 49. Decreasing and Increasing Slope
Table 7. Output Voltage Range Scaling
Desired
Input Range
(dBm)
R1
(Ω)
R2
(Ω)
New
Slope
(mV/dB)
Nominal Output
Voltage Range (V)
0 to −60
665
2000
72.1
0.195 to 4.52
−10 to −50
1180
2000
86.3
1.096 to 4.55
0 to −60
806
2000
38.3
0.103 to 2.49
−10 to −50
324
2000
46.2
0.587 to 2.43
Equation 17 is the general function that governs this.


−
=
1
)
||
(
'
O
O
IN
V
V
R
R2
R1
(17)
where:
VO is the nominal maximum output voltage (see Figure 6
through Figure 18).
V'O is the new maximum output voltage (for example, up
to 4.8 V).
RIN is the VSET input resistance (72 kΩ).
When choosing R1 and R2, attention must be paid to the
current drive capability of the VOUT pin and the input
resistance of the VSET pin. The choice of resistors should not
result in excessive current draw out of VOUT. However, making
R1 and R2 too large is also problematic. If the value of R2 is
compatible with the input resistance of the VSET input (72 kΩ),
this input resistance, which will vary slightly from part to part,
contributes to the resulting slope and output voltage. In general,
the value of R2 should be at least ten times smaller than the
input resistance of VSET. Values for R1 and R2 should, therefore,
be in the 1 kΩ to 5 kΩ range.
It is also important to take into account part-to-part and
frequency variation in output swing along with the ADL5902
output stage’s maximum output voltage of 4.8 V. The VOUT
distribution is well characterized at major frequencies’ bands in
the Typical Performance Characteristics section (see Figure 6
through Figure 8, Figure 12 through Figure 14, Figure 18, and
Figure 19). The resistor values in Table 7, which were calculated
based on 900 MHz performance, are conservatively chosen so
that there is no chance that the output voltages exceed the
ADL5902 output swing or the input range of a 0 V to 2.5 V and
0 V to 5 V ADC. Because the output swing does not vary much
with frequency (it does start to drop off above 3 GHz), these
values work for multiple frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com