Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2N7002KA
Description  N-channel TrenchMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002KA Datasheet(HTML) 2 Page - NXP Semiconductors

  2N7002KA Datasheet HTML 1Page - NXP Semiconductors 2N7002KA Datasheet HTML 2Page - NXP Semiconductors 2N7002KA Datasheet HTML 3Page - NXP Semiconductors 2N7002KA Datasheet HTML 4Page - NXP Semiconductors 2N7002KA Datasheet HTML 5Page - NXP Semiconductors 2N7002KA Datasheet HTML 6Page - NXP Semiconductors 2N7002KA Datasheet HTML 7Page - NXP Semiconductors 2N7002KA Datasheet HTML 8Page - NXP Semiconductors 2N7002KA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2N7002KA_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2008
2 of 11
NXP Semiconductors
2N7002KA
N-channel TrenchMOS FET
3.
Ordering information
4.
Limiting values
Table 2.
Ordering information
Type number
Package
Name
Description
Version
2N7002KA
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25
°C ≤ T
j ≤ 150 °C
-
60
V
VDGR
drain-gate voltage (DC)
25
°C ≤ T
j ≤ 150 °C; RGS =20kΩ
-60
V
VGS
gate-source voltage
-
±15
V
VGSM
peak gate-source voltage
tp ≤ 50 µs; pulsed; duty cycle = 25 %
-
±40
V
ID
drain current
Tsp =25 °C; VGS = 10 V; see Figure 2 and 3
-
320
mA
Tsp = 100 °C; VGS = 10 V; see Figure 2
-
200
mA
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs; see Figure 3
-
1.28
A
Ptot
total power dissipation
Tsp =25 °C; see Figure 1
-
0.83
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source current
Tsp =25 °C
-
300
mA
ISM
peak source current
Tsp =25 °C; pulsed; tp ≤ 10 µs
-
1.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com