Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 2N7002KA
Description  N-channel TrenchMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002KA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 2N7002KA Datasheet HTML 3Page - NXP Semiconductors 2N7002KA Datasheet HTML 4Page - NXP Semiconductors 2N7002KA Datasheet HTML 5Page - NXP Semiconductors 2N7002KA Datasheet HTML 6Page - NXP Semiconductors 2N7002KA Datasheet HTML 7Page - NXP Semiconductors 2N7002KA Datasheet HTML 8Page - NXP Semiconductors 2N7002KA Datasheet HTML 9Page - NXP Semiconductors 2N7002KA Datasheet HTML 10Page - NXP Semiconductors 2N7002KA Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2N7002KA_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2008
7 of 11
NXP Semiconductors
2N7002KA
N-channel TrenchMOS FET
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =5V
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Tj =25 °C and 150 °C; VGS =0V
VGS = 0 V; f = 1 MHz
Fig 11. Source current as a function of source-drain
voltage; typical values
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
003aab101
0
1
2
3
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
min
typ
max
003aab100
10
-6
10
-5
10
-4
10
-3
0123
VGS (V)
ID
(A)
min
typ
max
003aab356
0
0.2
0.4
0.6
0.8
1
0.2
0.4
0.6
0.8
1
VSD (V)
IS
(A)
Tj = 25 °C
150
°C
003aac035
VDS (V)
10−1
102
10
1
10
102
C
(pF)
1
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com