Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709ART Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PB709ART
Description  45 V, 100 mA PNP general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709ART Datasheet(HTML) 4 Page - NXP Semiconductors

  2PB709ART Datasheet HTML 1Page - NXP Semiconductors 2PB709ART Datasheet HTML 2Page - NXP Semiconductors 2PB709ART Datasheet HTML 3Page - NXP Semiconductors 2PB709ART Datasheet HTML 4Page - NXP Semiconductors 2PB709ART Datasheet HTML 5Page - NXP Semiconductors 2PB709ART Datasheet HTML 6Page - NXP Semiconductors 2PB709ART Datasheet HTML 7Page - NXP Semiconductors 2PB709ART Datasheet HTML 8Page - NXP Semiconductors 2PB709ART Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2PB709ART_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 March 2007
4 of 10
NXP Semiconductors
2PB709ART
45 V, 100 mA PNP general-purpose transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration for
SOT23 (TO-236AB); typical values
006aaa991
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.75
0.50
0.33
0.20
0.01
0.10
0.05
0.02
0
δ = 1
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −45 V; IE =0A
-
-
−10
nA
VCB = −45 V; IE =0A;
Tj = 150 °C
--
−5
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−10
nA
hFE
DC current gain
VCE = −10 V;
IC = −2mA
210
-
340
VCEsat
collector-emitter
saturation voltage
IC = −100 mA;
IB = −10 mA
[1] --
−500
mV
fT
transition frequency
VCE = −10 V;
IC = −1 mA;
f = 100 MHz
70
-
-
MHz
Cc
collector capacitance VCB = −10 V;
IE =ie =0A;
f=1MHz
--5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com