Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709ART Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 2PB709ART
Description  45 V, 100 mA PNP general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709ART Datasheet(HTML) 5 Page - NXP Semiconductors

  2PB709ART Datasheet HTML 1Page - NXP Semiconductors 2PB709ART Datasheet HTML 2Page - NXP Semiconductors 2PB709ART Datasheet HTML 3Page - NXP Semiconductors 2PB709ART Datasheet HTML 4Page - NXP Semiconductors 2PB709ART Datasheet HTML 5Page - NXP Semiconductors 2PB709ART Datasheet HTML 6Page - NXP Semiconductors 2PB709ART Datasheet HTML 7Page - NXP Semiconductors 2PB709ART Datasheet HTML 8Page - NXP Semiconductors 2PB709ART Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2PB709ART_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 March 2007
5 of 10
NXP Semiconductors
2PB709ART
45 V, 100 mA PNP general-purpose transistor
VCE = −10 V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 3.
DC current gain as a function of collector
current; typical values
Fig 4.
Collector current as a function of
collector-emitter voltage; typical values
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =10
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 5.
Base-emitter saturation voltage as a function of
collector current; typical values
Fig 6.
Collector-emitter saturation voltage as a
function of collector current; typical values
IC (mA)
−10−1
−102
−10
−1
006aab028
200
300
100
400
500
hFE
0
(1)
(2)
(3)
VCE (V)
0
−10
−8
−4
−6
−2
006aab029
−0.04
−0.06
−0.02
−0.08
−0.1
IC
(A)
0
IB (mA) = −0.75
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
−0.65
−0.55
−0.45
−0.35
−0.25
−0.15
−0.05
006aab030
−0.5
−0.9
−1.3
VBEsat
(V)
−0.1
IC (mA)
−10−1
−102
−10
−1
(1)
(2)
(3)
006aab031
IC (mA)
−10−1
−102
−10
−1
−10−1
−1
VCEsat
(V)
−10−2
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com