Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVTP Datasheet(PDF) 6 Page - Schurter Inc.

Part # AVTP
Description  Radial Leaded Varistor (MOV), 120 - 360 VAC, 160 - 470 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AVTP Datasheet(HTML) 6 Page - Schurter Inc.

  AVTP Datasheet HTML 1Page - Schurter Inc. AVTP Datasheet HTML 2Page - Schurter Inc. AVTP Datasheet HTML 3Page - Schurter Inc. AVTP Datasheet HTML 4Page - Schurter Inc. AVTP Datasheet HTML 5Page - Schurter Inc. AVTP Datasheet HTML 6Page - Schurter Inc. AVTP Datasheet HTML 7Page - Schurter Inc. AVTP Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image

Varistors
AVTP
www.schurter.com/pg03
Fuses
Disc Size: 10 mm
1000
100
5000
10-6
10-5
10-4
10-3
10-2
0071.3641.xx
0071.3241.xx
0071.3041.xx
0071.2741.xx
0071.2541.xx
0071.2341.xx
0071.1841.xx
0071.1541.xx
0071.1441.xx
0071.1341.xx
0071.1241.xx
Leakage Current DC [A]
Disc Size: 10 mm
100
101
102
103
104
1000
100
5000
0071.3641.xx
0071.3241.xx
0071.3041.xx
0071.2741.xx
0071.2541.xx
0071.2341.xx
0071.1841.xx
0071.1541.xx
0071.1441.xx
0071.1341.xx
0071.1241.xx
10
Peak Current (8/20 µs) [A]
Disc Size: 14 mm
1000
100
5000
10-6
10-5
10-4
10-3
10-2
0071.3661.xx
0071.3261.xx
0071.3061.xx
0071.2761.xx
0071.2561.xx
0071.2361.xx
0071.1861.xx
0071.1561.xx
0071.1461.xx
0071.1361.xx
0071.1261.xx
Leakage Current DC [A]
Disc Size: 14 mm
100
101
102
103
104
1000
100
5000
0071.3661.xx
0071.3261.xx
0071.3061.xx
0071.2761.xx
0071.2561.xx
0071.2361.xx
0071.1861.xx
0071.1561.xx
0071.1461.xx
0071.1361.xx
0071.1261.xx
50
Peak Current (8/20 µs) [A]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com