Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVTP Datasheet(PDF) 1 Page - Schurter Inc.

Part # AVTP
Description  Radial Leaded Varistor (MOV), 120 - 360 VAC, 160 - 470 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AVTP Datasheet(HTML) 1 Page - Schurter Inc.

  AVTP Datasheet HTML 1Page - Schurter Inc. AVTP Datasheet HTML 2Page - Schurter Inc. AVTP Datasheet HTML 3Page - Schurter Inc. AVTP Datasheet HTML 4Page - Schurter Inc. AVTP Datasheet HTML 5Page - Schurter Inc. AVTP Datasheet HTML 6Page - Schurter Inc. AVTP Datasheet HTML 7Page - Schurter Inc. AVTP Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

Varistors
AVTP
www.schurter.com/pg03
Fuses
Radial Leaded Varistor (MOV), 120 - 360 VAC, 160 - 470 VDC
Disc Size: 7 mm
Disc Size: 14 mm
Disc Size: 25 mm
120 - 360VAC · 800 - 13000A · 5 - 25mm
Description
-RadialLeadedVaristor
-Lowleackagecurrent
-VDE,UL,CSAapprovals
Standards
-IEC61051-VaristorsforUseinElectronicEquipment
-UL1414-Across-the-LineComponents
-UL1449-TransientVoltageSurgeSuppressors
-CSAC22.2-AccessoriesandPartsforElectronicEquipment
Approvals
-VDELicenseNumber:40026011
-ULFileNumber:E189323(UL1449),E325083(UL1414)
Applications
-Surgeprotection
-PrimaryProtectionSingle-Phase
-SurgeProtectionaccordingtoIEC61000-4-5
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
120-360VAC,160-470VDC
DiscSize
5-25mm
PeakCurrent8/20µs,1Pulse 800-13000A
Max.EnergyAbsorption
10/1000µs
8-440J
Current/EnergyDeratingabove
85°C
-2.5%/°C
Voltage/TemperatureCoeffi-
cient
-0.05%/°C
AdmissibleAmbientAirTemp. -40°Cto85°C
Material:Terminals
Tin-PlatedCopperAlloy
Material:Tube
ZincOxide
StorageConditions
0°Cto60°Cmax.70%r.h.
ProductMarking
,OrderNumber,Approvals,Data
Code
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
InsulationResistance
>10'000M
Ω
HiPotEncapsulation
2500VDC
ImpulseResponseTime
<50ns
DCLeackageCurrent
<200µA
Flammability
UL94V-0
Dimensions
Amax
Emax
C
F
D
G
D +0.5
Drilling diagram


Similar Part No. - AVTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVT VISHAY-AVT Datasheet
124Kb / 6P
High temperature vitreous coating
03-Jun-16
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-100 ETC2-AVT-100 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-130 ETC2-AVT-130 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-160 ETC2-AVT-160 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
More results

Similar Description - AVTP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AVTS SCHURTER-AVTS Datasheet
998Kb / 7P
Radial Leaded Varistor (MOV), 11 - 95 VAC, 14 - 127 VDC
AVTT SCHURTER-AVTT Datasheet
864Kb / 6P
Radial Leaded Varistor (MOV), 390 - 1000 VAC, 500 - 1200 VDC
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
07D UNSEMI-07D Datasheet
2Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
Radial Lead Varistor (MOV)
Revision March 1,2022
40D UNSEMI-40D Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com