Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC32D
Description  Quad 2-input OR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC32D Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC32D Datasheet HTML 1Page - NXP Semiconductors 74ALVC32D Datasheet HTML 2Page - NXP Semiconductors 74ALVC32D Datasheet HTML 3Page - NXP Semiconductors 74ALVC32D Datasheet HTML 4Page - NXP Semiconductors 74ALVC32D Datasheet HTML 5Page - NXP Semiconductors 74ALVC32D Datasheet HTML 6Page - NXP Semiconductors 74ALVC32D Datasheet HTML 7Page - NXP Semiconductors 74ALVC32D Datasheet HTML 8Page - NXP Semiconductors 74ALVC32D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74ALVC32_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
3 of 13
NXP Semiconductors
74ALVC32
Quad 2-input OR gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level
L = LOW voltage level
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (power-down mode), the output voltage can be 3.6 V in normal operation.
[3]
For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
nA
1, 4, 9, 12
data input
nB
2, 5, 10, 13
data input
nY
3, 6, 8, 11
data output
VCC
14
supply voltage
GND
7
ground (0 V)
Table 3.
Function table[1]
Input nA
Input nB
Output nY
LLL
LH
H
HL
H
HHH
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
output HIGH or LOW state
[1] [2]
−0.5
VCC + 0.5
V
output 3-state
−0.5
+4.6
V
power-down mode, VCC = 0 V
[2]
−0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
[3]
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com