Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVC32D
Description  Quad 2-input OR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC32D Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVC32D Datasheet HTML 1Page - NXP Semiconductors 74ALVC32D Datasheet HTML 2Page - NXP Semiconductors 74ALVC32D Datasheet HTML 3Page - NXP Semiconductors 74ALVC32D Datasheet HTML 4Page - NXP Semiconductors 74ALVC32D Datasheet HTML 5Page - NXP Semiconductors 74ALVC32D Datasheet HTML 6Page - NXP Semiconductors 74ALVC32D Datasheet HTML 7Page - NXP Semiconductors 74ALVC32D Datasheet HTML 8Page - NXP Semiconductors 74ALVC32D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The 74ALVC32 is a quad 2-input OR gate.
Schmitt trigger action on all inputs makes the device tolerant of slow rise and fall times.
2.
Features
s Wide supply voltage range from 1.65 V to 3.6 V
s 3.6 V tolerant inputs/outputs
s CMOS low power consumption
s Direct interface with TTL levels (2.7 V to 3.6 V)
s Power-down mode
s Latch-up performance exceeds 250 mA
s Complies with JEDEC standards:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8B/JESD36 (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74ALVC32
Quad 2-input OR gate
Rev. 02 — 10 December 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVC32D
−40 °Cto+85 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74ALVC32PW
−40 °Cto+85 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74ALVC32BQ
−40 °Cto+85 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1


Similar Part No. - 74ALVC32D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC32D NEXPERIA-74ALVC32D Datasheet
232Kb / 12P
Quad 2-input OR gate
Rev. 5 - 30 April 2021
74ALVC32D-Q100 NEXPERIA-74ALVC32D-Q100 Datasheet
732Kb / 15P
Quad 2-input OR gate
More results

Similar Description - 74ALVC32D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com