Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT591 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FZT591
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT591 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FZT591 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 - NOVEMBER 1995
7
COMPLEMENTARY TYPE FZT491
PARTMARKING DETAIL - FZT591
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNITCONDITIONS.
Breakdown Voltages
V(BR)CBO -80
V
IC=-100µA, IE=0
V(BR)CEO -60
V
IC=-10mA, IB=0*
V(BR)EBO -5
V
IE=-100µA, IC=0
Collector Cut-Off Current
ICBO
-100
nA VCB=-60V
Emitter Cut-Off Current
IEBO
-100
nA VEB=-4V, IC=0
Collector-Emitter Cut-Off Current
ICES
-100
nA VCES=-60V
Emitter Saturation Voltages
VCE(sat)
-0.3
-0.6
V
V
IC=-500mA,IB=-50mA*
IC=-1A, IB=-100mA*
VBE(sat)
-1.2
V
IC=-1A, IB=-100mA*
Base-Emitter Turn-on Voltage
VBE(on)
-1.0
V
IC=-1A, VCE=-5V*
Static Forward Current Transfer
Ratio
hFE
100
100
80
15
300
IC=-1mA, VCE=-5V*
IC=-500mA, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-2A, VCE=-5V*
Transition Frequency
fT
150
MHz IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical Characteristics graphs see FMMT591 datasheet
FZT591
3 - 195
C
C
E
B


Similar Part No. - FZT591

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT591 DIODES-FZT591 Datasheet
52Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
logo
Guangdong Kexin Industr...
FZT591 KEXIN-FZT591 Datasheet
365Kb / 1P
PNP Transistors
logo
Zetex Semiconductors
FZT591A ZETEX-FZT591A Datasheet
415Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT591A DIODES-FZT591A Datasheet
1Mb / 2P
SOT223 PNP SILICON PLANAR
DECEMBER 2001
logo
Guangdong Kexin Industr...
FZT591A KEXIN-FZT591A Datasheet
60Kb / 1P
PNP Silicon Planar Medium Power Transistor
More results

Similar Description - FZT591

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT755 ZETEX-FXT755 Datasheet
29Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT753 KEXIN-FZT753 Datasheet
38Kb / 2P
PNP Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
logo
New Jersey Semi-Conduct...
2N6732 NJSEMI-2N6732 Datasheet
44Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com