Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LED
Description  Driving LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LED Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LED Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LED Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ref.CE-P467 04/09
Driving LEDs
1. Introduction
Prior to driving an LED, which is a kind of semiconductor
product, it is necessary to thoroughly comprehend its
properties. For instance, fluctuation of the forward voltage Vf
on an LED causes steep variations in the forward current If. In
the case of Fig. 1, if the temperature conditions are constant,
a 10% rise in Vf results in an increase of If by more than 40%.
Fluctuations in the forward current have a significant effect
on light emission, heat generation, and other phenomena on
LEDs. Especially regarding high-output lighting LEDs driven
by large current, strict control of the forward current is
important. In addition, the forward voltage fluctuates due to
temperature, and measures for heat release are therefore a
crucial factor.
Thus, when driving our LEDs, be sure to read the
specifications and application notes for the relevant products
and take measures according to their properties.
2. Constant current driving system (recommended)
Even under the condition that the forward voltage
fluctuates due to heat generation or other reasons, the
constant current driving system supplies a certain current
to LEDs and allows relatively stable driving under varying
environmental conditions.
In general, as shown in the example of Fig. 2, the
forward voltage to apply constant current to an LED tends
to decrease as the temperature increases.
We recommend the constant current driving system
with the object of stable light-emitting output and
reliability.
3. Constant voltage driving system
As mentioned above, the forward voltage to apply constant current to an LED tends to
decrease as the temperature increases. In the case of Fig. 2, when the case temperature Tc is
90°C, the same amount of current is achieved by the approx. 5% lower forward voltage than at Tc
= 25°C. If constant voltage driving is provided under these conditions, comparative overvoltage
and overcurrent driving status is possible.
If constant voltage driving is employed, assume the temperature in actual usage and
implement appropriate measures to limit the current.
4. Precautions on inrush current
If an LED is connected to capacitive loads, such as capacitors, an instantaneous inrush
current may occur when the system is turned on/off. (For instance, when the secondary side of a
power supply circuit in the energized state is turned on/off.) Avoid any possible occurrence of
inrush current. If it is unavoidable, implement measures so that the absolute maximum rating of
the LED will not be exceeded.
Fig. 2
Tc -Vf characteristic
90%
95%
100%
105%
110%
0
20
40
60
80
100
Case temperature Tc (degC)
Vf - If characteristic
40%
60%
80%
100%
120%
140%
160%
80%
90%
100% 110% 120%
Relative Vf change
Fig. 1


Similar Part No. - LED

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LED BANNER-LED Datasheet
355Kb / 5P
LED Series Sealed Backlights
logo
List of Unclassifed Man...
LED-051 ETC-LED-051 Datasheet
227Kb / 2P
Universal LED Backlight Kit 10.4" to 24" LCD Panels for LED Replacement and CCFL Conversion
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
Switch Mode LED Drivers
logo
HB Electronic Component...
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
More results

Similar Description - LED

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DN70 ZETEX-DN70 Datasheet
111Kb / 4P
ZXSC400 Driving 2 serial high power LEDs
DN72 ZETEX-DN72 Datasheet
78Kb / 2P
ZXLD1101 Driving 8 series LEDs
DN84 ZETEX-DN84 Datasheet
120Kb / 4P
ZXSC400 Driving 3W high power LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
logo
ADTech
ADT6752 ADTECH-ADT6752 Datasheet
67Kb / 1P
Step-down converter designed for driving high power LEDs
logo
SiGe Semiconductor, Inc...
AATIAN55 SIGE-AATIAN55 Datasheet
65Kb / 4P
Driving Color RGB LEDs with the AAT3123
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NSM4002MR6 ONSEMI-NSM4002MR6 Datasheet
89Kb / 7P
Dual NPN Transistors for Driving LEDs
May, 2015 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com