Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX47 Datasheet(PDF) 1 Page - Diotech Company.

Part # BZX47
Description  1.3W EPITAXIAL ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

BZX47 Datasheet(HTML) 1 Page - Diotech Company.

  BZX47 Datasheet HTML 1Page - Diotech Company. BZX47 Datasheet HTML 2Page - Diotech Company. BZX47 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX85C3V3 THRU BZX85C56
1.3W EPITAXIAL ZENER DIODE
FEATURES
MECHANICAL DATA
All Dimensions in mm
DO-41(GLASS)
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25℃)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=50℃
Ptot
W
Junction temperature
TJ
Storage temperature range
TSTG
1)Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRCAL CHARACTERISTICS(TA=25℃)
Symbols
Min
Typ
Max
Units
Thermal resistance junction to ambient
RthA
170 1)
℃
/W
Forward voltage at IF=200mA
VF
1.2
V
1) Valid provided that a distance at 8mm from case are kept at ambient temperature
1.3 1)
175
-65 to +200
℃
℃
• Low profile package
• Built-in strain relief
• Low inductance
• High temperature soldering : 260°C /10 seconds at terminals
• Glass package has Underwriters Laboratory Flammability
Classification
• In compliance with EU RoHS 2002/95/EC directives
• Case: Molded Glass DO-41G
• Terminals: Axial leads, solderable per MIL-STD-750,
Method 2026 guaranteed
• Polarity: Color band denotes positive end
• Mounting position:Any
• Weight: 0.012 ounce, 0.336 gram


Similar Part No. - BZX47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX46 ETC-BZX46 Datasheet
1Mb / 6P
Z-DIODES
BZX46C10 ETC-BZX46C10 Datasheet
1Mb / 6P
Z-DIODES
BZX46C11 ETC-BZX46C11 Datasheet
1Mb / 6P
Z-DIODES
BZX46C12 ETC-BZX46C12 Datasheet
1Mb / 6P
Z-DIODES
BZX46C13 ETC-BZX46C13 Datasheet
1Mb / 6P
Z-DIODES
More results

Similar Description - BZX47

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Rectron Semiconductor
BZX85C2V7 RECTRON-BZX85C2V7 Datasheet
88Kb / 2P
1.3W DO-41 Zener Diode
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
1W EPITAXIAL ZENER DIODE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_11 Datasheet
764Kb / 3P
1.3W,5% Tolerance Zener Diode
logo
Central Semiconductor C...
BZX85C3V3 CENTRAL-BZX85C3V3 Datasheet
515Kb / 2P
SURFACE MOUNT 1.3W SILICON ZENER DIODE 3.3 VOLTS THRU 33 VOLTS
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
500mW EPITAXIAL ZENER DIODE
Rev 17
logo
Jinan Jing Heng Electro...
BZX85-C2V7 JINGHENG-BZX85-C2V7 Datasheet
344Kb / 5P
1.3W SILICON PLANAR ZENER DIODES
ZM1-3C2V7 JINGHENG-ZM1-3C2V7 Datasheet
70Kb / 2P
1.3W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
500mW EPITAXIAL ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com