Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ2.0 Datasheet(PDF) 1 Page - Diotech Company.

Part # GLZ2.0
Description  500mW SUFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GLZ2.0 Datasheet(HTML) 1 Page - Diotech Company.

  GLZ2.0 Datasheet HTML 1Page - Diotech Company. GLZ2.0 Datasheet HTML 2Page - Diotech Company. GLZ2.0 Datasheet HTML 3Page - Diotech Company. GLZ2.0 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GLZ2.0 ~ GLZ56
500mW SUFACE MOUNT ZENER DIODE
FEATURES
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25℃ )
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=25℃
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature
ELECTRICAL CHARACTERISTICS(TA=25℃ )
Symbols
Min.
Typ.
Max.
Units
Thermal resistance junction to ambient
RTHA
0.31)
K/mW
Forward voltage
at IF=100mA
VF
1
V
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature
5001)
175
-65 to + 175
℃
℃
Dimensions in inches and (millimeters)
0.146(3.7)
0.130(3.3)
0.063(1.6)
0.055(1.4)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
MINI-MELF / LL-34
DIA.
• Case: Molded Glass MINI-MELF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.03 grams
• Mounting Position: Any
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above


Similar Part No. - GLZ2.0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
SURFACE MOUNT ZENER DIODES
GLZ2.0A PANJIT-GLZ2.0A Datasheet
106Kb / 5P
SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
500mW MINI MELF ZENER DIODE
logo
Won-Top Electronics
GLZ2.0A WTE-GLZ2.0A Datasheet
65Kb / 6P
500mW SURFACE MOUNT ZENER DIODE
September, 2012
logo
Frontier Electronics.
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ2.0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Diotech Company.
ZMM55-C2V4 DIOTECH-ZMM55-C2V4 Datasheet
1Mb / 3P
500mW SUFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
logo
Diotech Company.
ZMM5221B DIOTECH-ZMM5221B Datasheet
1Mb / 3P
500mW SUFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Diotech Company.
ZMM55C2V4 DIOTECH-ZMM55C2V4 Datasheet
1Mb / 3P
500mW SUFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com