Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G32DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G32DP
Description  Dual 2-input OR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G32DP Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G32DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC_HCT2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 May 2009
2 of 13
NXP Semiconductors
74HC2G32; 74HCT2G32
Dual 2-input OR gate
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking code
Type number
Marking code
74HC2G32DP
H32
74HCT2G32DP
T32
74HC2G32DC
H32
74HCT2G32DC
T32
74HC2G32GD
H32
74HCT2G32GD
T32
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna733
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
mna734
7
≥ 1
≥ 1
2
1
3
6
5
mna166
B
A
Y
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74HC2G32
74HCT2G32
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aak024
1
2
3
4
6
5
8
7
001aak025
74HC2G32
74HCT2G32
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com