Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G32DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC2G32DP
Description  Dual 2-input OR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G32DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC2G32DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The 74HC2G32 and 74HCT2G32 are high-speed Si-gate CMOS devices. They provide
two 2-input OR gates.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I Multiple package options
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
3.
Ordering information
74HC2G32; 74HCT2G32
Dual 2-input OR gate
Rev. 03 — 12 May 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G32DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT2G32DP
74HC2G32DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74HCT2G32DC
74HC2G32GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74HCT2G32GD


Similar Part No. - 74HC2G32DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G32DP PHILIPS-74HC2G32DP Datasheet
88Kb / 19P
Dual 2-input OR gate
2003 Oct 30
logo
Nexperia B.V. All right...
74HC2G32DP NEXPERIA-74HC2G32DP Datasheet
212Kb / 12P
Dual 2-input OR gate
Rev. 6 - 8 February 2019
74HC2G32DP-Q100 NEXPERIA-74HC2G32DP-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74HC2G32DP-Q100 NEXPERIA-74HC2G32DP-Q100 Datasheet
211Kb / 12P
Dual 2-input OR gate
Rev. 3 - 8 February 2019
More results

Similar Description - 74HC2G32DP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
Dual 2-input OR gate
Rev. 01-23 February 2004
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
DUAL 2-INPUT OR GATE
Mar-2004
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
DUAL 2-INPUT OR GATE
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
Dual 2-input OR Gate
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
DUAL 2-INPUT OR GATE
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
DUAL 2-INPUT OR GATE
Rev 1
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com