Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC366 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC366 Datasheet HTML 1Page - NXP Semiconductors 74HC366 Datasheet HTML 2Page - NXP Semiconductors 74HC366 Datasheet HTML 3Page - NXP Semiconductors 74HC366 Datasheet HTML 4Page - NXP Semiconductors 74HC366 Datasheet HTML 5Page - NXP Semiconductors 74HC366 Datasheet HTML 6Page - NXP Semiconductors 74HC366 Datasheet HTML 7Page - NXP Semiconductors 74HC366 Datasheet HTML 8Page - NXP Semiconductors 74HC366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
2 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
4.
Functional diagram
Fig 1.
Functional diagram
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
001aaf583
1A
2
4
6
10
12
13
11
9
7
5
3
14
1
15
1Y
2A
2Y
3A
3Y
4A
4Y
6A
OE1
OE2
6Y
5A
5Y
001aaf581
1A
1Y
2A
2Y
3A
3Y
4A
4Y
6A
OE1
OE2
6Y
5A
5Y
001aaf582
15
&
1
EN
23
5
7
9
11
13
4
6
10
12
14
Fig 4.
Logic diagram
001aaf584
VCC
GND
1A
OE1
OE2
2A
2Y
1Y
3Y
4Y
5Y
6Y
3A
4A
5A
6A
buffer/line driver 1
buffer/line driver 2
buffer/line driver 3
buffer/line driver 4
buffer/line driver 5
buffer/line driver 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com