Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC366 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC366 Datasheet HTML 8Page - NXP Semiconductors 74HC366 Datasheet HTML 9Page - NXP Semiconductors 74HC366 Datasheet HTML 10Page - NXP Semiconductors 74HC366 Datasheet HTML 11Page - NXP Semiconductors 74HC366 Datasheet HTML 12Page - NXP Semiconductors 74HC366 Datasheet HTML 13Page - NXP Semiconductors 74HC366 Datasheet HTML 14Page - NXP Semiconductors 74HC366 Datasheet HTML 15Page - NXP Semiconductors 74HC366 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
12 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
Table 10.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC366
0.5VCC
0.5VCC
0.1
× V
CC
0.9
× V
CC
74HCT366
1.3 V
1.3 V
0.1
× V
CC
0.9
× V
CC
Test data is given in Table 11.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator
CL = Load capacitance including jig and probe capacitance
RL = Load resistor
S1 = Test selection switch
Fig 8.
Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
PULSE
GENERATOR
Table 11.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC366
VCC
6 ns
15 pF, 50 pF
1 k
Ω
open
GND
VCC
74HCT366
3 V
6 ns
15 pF, 50 pF
1 k
Ω
open
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com