Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL2XY Datasheet(PDF) 5 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 5 Page - Micronas

  HAL2XY Datasheet HTML 1Page - Micronas HAL2XY Datasheet HTML 2Page - Micronas HAL2XY Datasheet HTML 3Page - Micronas HAL2XY Datasheet HTML 4Page - Micronas HAL2XY Datasheet HTML 5Page - Micronas HAL2XY Datasheet HTML 6Page - Micronas HAL2XY Datasheet HTML 7Page - Micronas HAL2XY Datasheet HTML 8Page - Micronas HAL2XY Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DATA SHEET
HAL 2xy
Micronas
Jan. 11, 2010; DSH000141_003EN
5
Unipolar Sensors:
The output turns low with the magnetic south pole on
the branded side of the package and turns high if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded side.
Latching Sensors:
The sensors have a latching behavior and require a
magnetic north and south pole for correct functioning.
The output turns low with the magnetic south pole on
the branded side of the package and turns high with
the magnetic north pole on the branded side. The
output does not change if the magnetic field is
removed. For changing the output state, the opposite
magnetic field polarity must be applied.
Unipolar Switching Sensors with Inverted Output
Sensitive to North Pole:
The output turns high with the magnetic north pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not
respond to the magnetic south pole on the branded-
side.
1.3. Marking Code
All Hall sensors have a marking on the package
surface (branded side). This marking includes the
name of the sensor and the temperature range.
1.4. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
K: TJ = −40 °C to +140 °C
Note: Due to power dissipation, there is a difference
between the ambient temperature (TA) and
junction temperature. Please refer to section
4.1. on page 15 for details.
Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Hall Sensors.
Ordering Codes, Packaging, Handling”.
1.5. Solderability and Welding
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260
°C
should not be exceeded.
Device terminals shall be compatible with laser and
electrical welding. Please, note that the success of the
welding process is subject to different welding parame-
ters which will vary according to the welding technique
used. A very close control of the welding parameters is
absolutely necessary in order to reach satisfying
results. Micronas, therefore, does not give any implied
or express warranty as to the ability to weld the com-
ponent.
Fig. 1–1: Pin configuration
Type
Temperature Range
K
HAL201
201K
HAL202
202K
HAL203
203K
HAL204
204K
HAL206
206K
HAL207
207K
HAL208
208K
HAL210
210K
HAL211
211K
HAL212
212K
HAL220
220K
HAL221
221K
HALXXXPA-T
Temperature Range: K
Package: TQ for SOT89B-3
JQ for TO92UA-5/6
Type: 2xy
Example: HAL202JQ-K
→ Type: 202
→ Package: TO92UA-6
→ Temperature Range: T
J = −40 °C to +140 °C
1 VDD
2GND
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com