Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL2XY Datasheet(PDF) 13 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 13 Page - Micronas

Back Button HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas HAL2XY Datasheet HTML 11Page - Micronas HAL2XY Datasheet HTML 12Page - Micronas HAL2XY Datasheet HTML 13Page - Micronas HAL2XY Datasheet HTML 14Page - Micronas HAL2XY Datasheet HTML 15Page - Micronas HAL2XY Datasheet HTML 16Page - Micronas HAL2XY Datasheet HTML 17Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DATA SHEET
HAL 2xy
Micronas
Jan. 11, 2010; DSH000141_003EN
13
HAL211
−40 °C
−11.5
−4.9
−1.8
−12.0
−7.4
−2.3
−
2.5
−
mT
unipolar
25
°C
−11.5
−5.2
−1.8
−12.0
−7.6
−2.3
−
2.4
−
mT
inverted
140
°C
−11.5
−5.5
−1.8
−12.0
−7.7
−2.3
−
2.3
−
mT
HAL 212
−40 °C 25.8
30.6
35.2
23.8
28.6
33.2
−
2.0
−
mT
unipolar
25 °C
24.1
28.9
34.5
22.3
27.1
32.7
−
1.8
−
mT
140 °C
20.4
25.6
32.0
18.9
24.1
30.5
−
1.5
−
mT
HAL220
−40 °C
0.5
2.8
6.5
−6.5
−2.8
−0.5
−
5.6
−
mT
latching
25
°C0.5
2.6
6
−6
−2.6
−0.5
−
5.2
−
mT
140
°C
0.3
2.4
5.5
−5.5
−2.4
−0.3
−
4.8
−
mT
HAL221
−40 °C
13.0
19.0
23.0
7.5
12.0
17.5
−
7.0
−
mT
unipolar
25
°C
13.0
18.5
23.0
7.5
12.0
17.5
−
6.5
−
mT
140
°C
13.0
17.5
23.0
7.5
11.5
17.5
−
6.0
−
mT
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching Type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com