Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL82X Datasheet(PDF) 17 Page - Micronas

Part # HAL82X
Description  High-Precision Programmable Linear Hall-Effect Sensor Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL82X Datasheet(HTML) 17 Page - Micronas

Back Button HAL82X Datasheet HTML 13Page - Micronas HAL82X Datasheet HTML 14Page - Micronas HAL82X Datasheet HTML 15Page - Micronas HAL82X Datasheet HTML 16Page - Micronas HAL82X Datasheet HTML 17Page - Micronas HAL82X Datasheet HTML 18Page - Micronas HAL82X Datasheet HTML 19Page - Micronas HAL82X Datasheet HTML 20Page - Micronas HAL82X Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DATA SHEET
HAL82x
Micronas
Feb. 3, 2009; DSH000143_003EN
17
3.2. Dimensions of Sensitive Area
0.25 mm x 0.25 mm
3.3. Positions of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this circuit.
All voltages listed are referenced to ground (GND).
TO92UT-1/-2
y
1.5 mm nominal
A4
0.3 mm nominal
Bd
0.3 mm
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−8.5
8.5
V
VDD
Supply Voltage
1
−14.41) 2)
14.41) 2)
V
−I
DD
Reverse Supply Current
1
−
501)
mA
VOUT
Output Voltage
3
−55)
−55)
8.53)
14.43) 2)
V
VOUT − VDD
Excess of Output Voltage
over Supply Voltage
3,1
−
2V
IOUT
Continuous Output Current
3
−10
10
mA
tSh
Output Short Circuit Duration
3
−
10
min
TJ
Junction Temperature Range
−40
−40
1704)
150
°C
°C
NPROG
Number of Programming Cycles
−
100
1) as long as T
Jmax is not exceeded
2) t < 10 min (V
DDmin = −15 V for t < 1 min, VDDmax = 16 V for t < 1 min)
3) as long as T
Jmax is not exceeded, output is not protected to external 14 V-line (or to −14 V)
4) t < 1000h
5) internal protection resistor = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com