Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL82X Datasheet(PDF) 21 Page - Micronas

Part # HAL82X
Description  High-Precision Programmable Linear Hall-Effect Sensor Family
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL82X Datasheet(HTML) 21 Page - Micronas

Back Button HAL82X Datasheet HTML 17Page - Micronas HAL82X Datasheet HTML 18Page - Micronas HAL82X Datasheet HTML 19Page - Micronas HAL82X Datasheet HTML 20Page - Micronas HAL82X Datasheet HTML 21Page - Micronas HAL82X Datasheet HTML 22Page - Micronas HAL82X Datasheet HTML 23Page - Micronas HAL82X Datasheet HTML 24Page - Micronas HAL82X Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DATA SHEET
HAL82x
Micronas
Feb. 3, 2009; DSH000143_003EN
21
Fig. 3–5: ES definition example
3.7. Open-Circuit Detection
at TJ = −40 °C to +170 °C, Typical Characteristics for TJ = 25 °C, after locking the sensor
50
75
100
125
150
175
25
0
−25
−50
0.98
0.99
1.00
1.01
1.02
1.03
-10
0.992
1.001
temperature [°C]
ideal 200 ppm/k
least-square-fit straight-line of
normalized measured data
measurement example of real
sensor, normalized to achieve a
value of 1 of its least-square-fit
straight-line at 25 °C
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Comment
VOUT
Output Voltage at
Open VDD Line
30
0
0.15
V
VDD = 5 V
RL = 10 kΩ to 200 kΩ
00
0.2
V
VDD = 5 V
RL = 5 kΩ to 10 kΩ
VOUT
Output Voltage at
Open GND Line
3
4.85
4.9
5.0
V
VDD = 5 V
10 k
Ω
≥R
L ≤ 200 kΩ
4.8
4.9
5.0
V
VDD = 5 V
5k
Ω ≥ R
L < 10 kΩ
RL: Can be pull-up or pull-down resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com