Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL573 Datasheet(PDF) 17 Page - Micronas

Part # HAL573
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL573 Datasheet(HTML) 17 Page - Micronas

Back Button HAL573 Datasheet HTML 13Page - Micronas HAL573 Datasheet HTML 14Page - Micronas HAL573 Datasheet HTML 15Page - Micronas HAL573 Datasheet HTML 16Page - Micronas HAL573 Datasheet HTML 17Page - Micronas HAL573 Datasheet HTML 18Page - Micronas HAL573 Datasheet HTML 19Page - Micronas HAL573 Datasheet HTML 20Page - Micronas HAL573 Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
DATA SHEET
HAL57x, HAL58x
Micronas
Dec. 22, 2008; DSH000145_003EN
17
−15 −10 −5 0
5
1015202530
−20
−15
−10
−5
0
5
10
15
20
25
V
HAL 57x, HAL 58x
mA
IDD
VDD
IDDhigh
IDDlow
TA = −40 °C
TA = 25 °C
TA = 100 °C
Fig. 3–7: Typical supply current
versus supply voltage
0123456
0
2
4
6
8
10
12
14
16
18
20
V
mA
IDD
VDD
HAL 57x, HAL 58x
IDDhigh
IDDlow
TA = −40 °C
TA = 25 °C
TA = 100 °C
Fig. 3–8: Typical supply current
versus supply voltage
−50
0
50
100
150
200
0
2
4
6
8
10
12
14
16
18
20
°C
IDDhigh
IDDlow
VDD = 3.75 V
VDD = 12 V
VDD = 24 V
mA
IDD
HAL 57x, HAL 58x
TA
Fig. 3–9: Typical current consumption
versus ambient temperature
−50
0
50
100
150
200
0
20
40
60
80
100
120
140
160
180
200
°C
TA
VDD = 3.75 V
VDD = 12 V
VDD = 24 V
fosc
kHz
HAL 57x, HAL 58x
Fig. 3–10: Typ. internal chopper frequency
versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com