Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL573 Datasheet(PDF) 21 Page - Micronas

Part # HAL573
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL573 Datasheet(HTML) 21 Page - Micronas

Back Button HAL573 Datasheet HTML 17Page - Micronas HAL573 Datasheet HTML 18Page - Micronas HAL573 Datasheet HTML 19Page - Micronas HAL573 Datasheet HTML 20Page - Micronas HAL573 Datasheet HTML 21Page - Micronas HAL573 Datasheet HTML 22Page - Micronas HAL573 Datasheet HTML 23Page - Micronas HAL573 Datasheet HTML 24Page - Micronas HAL573 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DATA SHEET
HAL574
Micronas
Dec. 22, 2008; DSH000145_003EN
21
4.2. HAL574
The HAL574 is a medium sensitive unipolar switching
sensor (see Fig. 4–5).
The sensor turns to high current consumption with the
magnetic south pole on the branded side of the pack-
age and turns to low current consumption if the mag-
netic field is removed. It does not respond to the mag-
netic north pole on the branded side.
For correct functioning in the application, the sensor
requires only the magnetic south pole on the branded
side of the package.
In this two-wire sensor family, the HAL 584 is a sensor
with the same magnetic characteristics but with an
inverted output characteristic.
Magnetic Features:
– switching type: unipolar
– medium sensitivity
–typical BON: 9.2 mT at room temperature
–typical BOFF: 7.2 mT at room temperature
– typical temperature coefficient of magnetic switching
points is 0 ppm/K
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
Applications
The HAL574 is designed for applications with one
magnetic polarity and weak magnetic amplitudes at
the sensor position such as:
– applications with large airgap or weak magnets,
– solid state switches,
– contactless solutions to replace micro switches,
– position and end point detection, and
– rotating speed measurement.
Fig. 4–5: Definition of magnetic switching points for
the HAL574
Magnetic Characteristics at TJ = −40 °C to +140 °C, VDD = 4.3 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
BOFF
BON
0
IDDhigh
IDDlow
Current consumption
B
BHYS
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
5.5
9.2
12
5
7.2
11.5
0.5
2
3
8.2
mT
25
°C
5.5
9.2
12
5
7.2
11.5
0.5
2
3
8.2
mT
100
°C
5.5
9.2
12
5
7.2
11.5
0.5
2
3
8.2
mT
140
°C
5
8.8
12.5
3.5
7.5
11.5
0.2
1.9
3.5
8.2
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com