Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL710 Datasheet(PDF) 14 Page - Micronas

Part # HAL710
Description  Hall-Effect Sensors with Direction Detection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL710 Datasheet(HTML) 14 Page - Micronas

Back Button HAL710 Datasheet HTML 10Page - Micronas HAL710 Datasheet HTML 11Page - Micronas HAL710 Datasheet HTML 12Page - Micronas HAL710 Datasheet HTML 13Page - Micronas HAL710 Datasheet HTML 14Page - Micronas HAL710 Datasheet HTML 15Page - Micronas HAL710 Datasheet HTML 16Page - Micronas HAL710 Datasheet HTML 17Page - Micronas HAL710 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
HAL 710, HAL 730
DATA SHEET
14
Oct. 13, 2009; DSH000031_002EN
Micronas
0
50
100
150
200
250
300
–50
0
50
100
150
°C
mV
TA
VOL
VDD = 24 V
VDD = 3.8 V
VDD = 4.5 V
HAL 7xx
IO = 10 mA
Fig. 3–11: Typ. output low voltage
versus ambient temperature
15
20
25
30
35 V
µA
VOH
IOH
TA = 140 °C
TA = 100 °C
TA = 25 °C
10–6
10–5
10–4
10–3
10–2
10–1
100
101
102
HAL 7xx
Fig. 3–12: Typical output leakage current
versus output voltage
–50
0
50
100
150
200
°C
µA
TA
IOH
VOH = 24 V
10–5
10–4
10–3
10–2
10–1
100
101
102
HAL 7xx
VOH = 3.8 V
Fig. 3–13: Typical output leakage current
versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com