Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL710 Datasheet(PDF) 17 Page - Micronas

Part # HAL710
Description  Hall-Effect Sensors with Direction Detection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL710 Datasheet(HTML) 17 Page - Micronas

Back Button HAL710 Datasheet HTML 11Page - Micronas HAL710 Datasheet HTML 12Page - Micronas HAL710 Datasheet HTML 13Page - Micronas HAL710 Datasheet HTML 14Page - Micronas HAL710 Datasheet HTML 15Page - Micronas HAL710 Datasheet HTML 16Page - Micronas HAL710 Datasheet HTML 17Page - Micronas HAL710 Datasheet HTML 18Page - Micronas HAL710 Datasheet HTML 19Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DATA SHEET
HAL 710, HAL 730
Micronas
Oct. 13, 2009; DSH000031_002EN
17
5. Application Notes
5.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
At static conditions and continuous operation, the fol-
lowing equation applies:
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the appli-
cation.
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
5.2. Extended Operating Conditions
All sensors fulfill the electrical and magnetic character-
istics when operated within the Recommended Oper-
ating Conditions (see Section 3.5. on page 10).
Supply Voltage Below 3.8 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 3.8 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 3.8 V is
not tested. For special test conditions, please
contact Micronas.
5.3. Signal Delay
The extra circuitry required for the direction detection
increases the latency of the Count and Direction Sig-
nal compared to a simple switch (e.g., HAL 525). This
extra delay corresponds to 0.5 and 1 clock period for
the Direction Signal and Count Signal respectively.
5.4. Test Mode Activation
In order to obtain the normal operation as described
above, two external pull-up resistors with appropriate
values are required to connect each output to an exter-
nal supply, such that the potential at the open-drain
output rises to at least 3 V in less than 10 µs after hav-
ing turned off the corresponding pull-down transistor or
after having applied VDD.
If the Direction Output is pulled low externally (the
potential does not rise after the internal pull-down tran-
sistor has been turned off), the device enters Manufac-
turer Test Mode.
Direction detection is not functional in Manufacturer
Test Mode. The device returns to normal operation as
soon as the Count Output goes high.
Note: The presence of a Manufacturer Test Mode
requires appropriate measures to prevent acci-
dental activation (e.g., in response to EMC
events).
T
J
T
A
T
Δ
+
=
T
Δ
I
DD
V
DD
R
th
×
×
=
T
Amax
T
Jmax
T
Δ
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com