Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL880 Datasheet(PDF) 30 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 30 Page - Micronas

Back Button HAL880 Datasheet HTML 26Page - Micronas HAL880 Datasheet HTML 27Page - Micronas HAL880 Datasheet HTML 28Page - Micronas HAL880 Datasheet HTML 29Page - Micronas HAL880 Datasheet HTML 30Page - Micronas HAL880 Datasheet HTML 31Page - Micronas HAL880 Datasheet HTML 32Page - Micronas HAL880 Datasheet HTML 33Page - Micronas HAL880 Datasheet HTML 34Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
HAL880
DATA SHEET
30
Feb. 23, 2009; DSH000152_001EN
Micronas
5.4. Number Formats
Binary number:
The most significant bit is given as first, the least sig-
nificant bit as last digit.
Example: 101001 represents 41 decimal.
Signed binary number:
The first digit represents the sign of the following
binary number (1 for negative, 0 for positive sign).
Example:
0101001 represents +41 decimal
1101001 represents
−41 decimal
Two’s complementary number:
The first digit of positive numbers is “0”, the rest of the
number is a binary number. Negative numbers start
with “1”. In order to calculate the absolute value of the
number, calculate the complement of the remaining
digits and add “1”.
Example:
0101001 represents +41 decimal
1010111 represents
−41 decimal
5.5. Register Information
CLAMP-LOW
– The register range is from 0 up to 255.
– The register value is calculated by:
CLAMP-HIGH
– The register range is from 0 up to 511.
– The register value is calculated by:
VOQ
– The register range is from
−1024 up to 1023.
– The register value is calculated by:
SENSITIVITY
– The register range is from
−8192 up to 8191.
– The register value is calculated by:
TC
– The TC register range is from 0 up to 1023.
– The register value is calculated by:
MODE
– The register range is from 0 up to 255 and contains
the settings for FILTER and RANGE:
D/A-READOUT
– This register is read only.
– The register range is from 0 up to 16383.
DEACTIVATE
– This register can only be written.
– The register has to be written with 2063 decimal
(80F hexadecimal) for the deactivation.
– The sensor can be reset with an Activate pulse on
the output pin or by switching off and on the supply
voltage.
CLAMP-LOW
LowClampingVoltage
2
×
V
DD
--------------------------------------------------------------
255
×
=
CLAMP-HIGH
HighClampingVoltage
V
DD
------------------------------------------------------
511
×
=
VOQ
V
OQ
V
DD
-----------
1024
×
=
SENSITIVITY
Sensitivity
2048
×
=
TC
GROUP
256
TCValue
8
TCSQValue
+
×
+
×
=
MODE
OUTPUTMODE
32
BITRATE
16
FILTER
8
RANGE
2
EnableProgGPRegisters
+
×
+
×
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com