Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL880 Datasheet(PDF) 21 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 21 Page - Micronas

Back Button HAL880 Datasheet HTML 17Page - Micronas HAL880 Datasheet HTML 18Page - Micronas HAL880 Datasheet HTML 19Page - Micronas HAL880 Datasheet HTML 20Page - Micronas HAL880 Datasheet HTML 21Page - Micronas HAL880 Datasheet HTML 22Page - Micronas HAL880 Datasheet HTML 23Page - Micronas HAL880 Datasheet HTML 24Page - Micronas HAL880 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DATA SHEET
HAL880
Micronas
Feb. 23, 2009; DSH000152_001EN
21
3.6.1. Definition of Sensitivity Error ES
ES is the maximum of the absolute value of 1 minus
the quotient of the normalized measured value1) over
the normalized ideal linear2) value:
In the example below, the maximum error occurs at
−10 °C:
Fig. 3–5: ES definition example
1) normalized to achieve a least-square-fit straight-line
that has a value of 1 at 25 °C
2) normalized to achieve a value of 1 at 25 °C
ES
max abs
meas
ideal
------------
1
–
⎝⎠
⎛⎞
⎝⎠
⎛⎞
Tmin, Tmax
[]
=
ES
1.001
0.992
-------------
1
–0.9%
==
50
75
100
125
150
175
25
0
–25
–50
0.98
0.99
1.00
1.01
1.02
1.03
-10
0.992
1.001
temperature [°C]
ideal 200 ppm/k
least-square-fit straight-line of
normalized measured data
measurement example of real
sensor, normalized to achieve a
value of 1 of its least-square-fit
straight-line at 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com