Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 2Page - Texas Instruments AM1808AZCE4 Datasheet HTML 3Page - Texas Instruments AM1808AZCE4 Datasheet HTML 4Page - Texas Instruments AM1808AZCE4 Datasheet HTML 5Page - Texas Instruments AM1808AZCE4 Datasheet HTML 6Page - Texas Instruments AM1808AZCE4 Datasheet HTML 7Page - Texas Instruments AM1808AZCE4 Datasheet HTML 8Page - Texas Instruments AM1808AZCE4 Datasheet HTML 9Page - Texas Instruments AM1808AZCE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
1
AM1808 ARM Microprocessor
........................ 1
6.10
External Memory Interface A (EMIFA)
............. 97
6.11
DDR2/mDDR Controller
........................... 107
1.1
Features
.............................................. 1
6.12
Memory Protection Units
.......................... 120
1.2
Trademarks
.......................................... 3
6.13
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 123
1.3
Description
........................................... 4
6.14
Serial ATA Controller (SATA)
..................... 126
1.4
Functional Block Diagram
............................ 5
6.15
Multichannel Audio Serial Port (McASP)
.......... 131
2
Revision History
......................................... 7
6.16
Multichannel Buffered Serial Port (McBSP)
....... 140
3
Device Overview
........................................ 8
6.17
Serial Peripheral Interface Ports (SPI0, SPI1)
.... 150
3.1
Device Characteristics
............................... 8
6.18
Inter-Integrated Circuit Serial Ports (I2C)
......... 173
6.19
Universal Asynchronous Receiver/Transmitter
3.2
Device Compatibility
................................. 9
(UART)
............................................ 177
3.3
ARM Subsystem
..................................... 9
6.20
Universal Serial Bus OTG Controller (USB0)
3.4
Memory Map Summary
............................. 12
[USB2.0 OTG]
..................................... 179
3.5
Pin Assignments
.................................... 15
6.21
Universal Serial Bus Host Controller (USB1)
3.6
Pin Multiplexing Control
............................ 18
[USB1.1 OHCI]
.................................... 186
3.7
Terminal Functions
................................. 19
6.22
Ethernet Media Access Controller (EMAC)
....... 187
4
Device Configuration
................................. 61
6.23
Management Data Input/Output (MDIO)
.......... 195
6.24
LCD Controller (LCDC)
............................ 197
4.1
Boot Modes
......................................... 61
6.25
Host-Port Interface (UHPI)
........................ 212
4.2
SYSCFG Module
................................... 61
6.26
Universal Parallel Port (uPP)
...................... 220
4.3
Pullup/Pulldown Resistors
.......................... 64
6.27
Video Port Interface (VPIF)
....................... 225
5
Device Operating Conditions
....................... 65
6.28
Enhanced Capture (eCAP) Peripheral
............ 231
5.1
Absolute Maximum Ratings Over Operating
Junction Temperature Range
6.29
Enhanced High-Resolution Pulse-Width Modulator
(eHRPWM)
........................................ 234
(Unless Otherwise Noted)
................................. 65
6.30
Timers
............................................. 239
5.2
Recommended Operating Conditions
.............. 66
6.31
Real Time Clock (RTC)
........................... 241
5.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Junction
6.32
General-Purpose Input/Output (GPIO)
............ 244
6.33
Programmable Real-Time Unit Subsystem (PRUSS)
Temperature (Unless Otherwise Noted)
............ 68
..................................................... 248
6
Peripheral Information and Electrical
6.34
Emulation Logic
................................... 251
Specifications
.......................................... 69
7
Device and Documentation Support
............. 257
6.1
Parameter Information
.............................. 69
6.2
Recommended Clock and Control Signal Transition
7.1
Device Support
.................................... 257
Behavior
............................................ 70
7.2
Documentation Support
........................... 257
6.3
Power Supplies
..................................... 70
8
Mechanical Packaging and Orderable
6.4
Reset
............................................... 71
Information
............................................ 258
8.1
Device and Development-Support Tool
6.5
Crystal Oscillator or External Clock Input
.......... 74
Nomenclature
..................................... 258
6.6
Clock PLLs
......................................... 75
6.7
Interrupts
............................................ 80
8.2
Thermal Data for ZCE Package
................... 259
6.8
Power and Sleep Controller (PSC)
................. 86
8.3
Thermal Data for ZWT Package
.................. 260
6.9
EDMA
............................................... 91
6
Contents
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com