Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 68 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 64Page - Texas Instruments AM1808AZCE4 Datasheet HTML 65Page - Texas Instruments AM1808AZCE4 Datasheet HTML 66Page - Texas Instruments AM1808AZCE4 Datasheet HTML 67Page - Texas Instruments AM1808AZCE4 Datasheet HTML 68Page - Texas Instruments AM1808AZCE4 Datasheet HTML 69Page - Texas Instruments AM1808AZCE4 Datasheet HTML 70Page - Texas Instruments AM1808AZCE4 Datasheet HTML 71Page - Texas Instruments AM1808AZCE4 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
5.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Junction Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low/full speed:
2.8
USB0_VDDA33
V
USB0_DM and USB0_DP
High speed:
360
440
mV
USB_DM and USB_DP
Low/full speed:
2.8
USB1_VDDA33
V
VOH
USB1_DM and USB1_DP
DVDD= 3.15V, IOH = -4 mA
2.4
V
High-level output voltage
(dual-voltage LVCMOS IOs at 3.3V)(1)
DVDD= 3.15V, IOH = -100 mA
2.95
V
High-level output voltage
DVDD= 1.65V, IOH = -2 mA
DVDD-0.45
V
(dual-voltage LVCMOS IOs at 1.8V)(1)
Low/full speed:
0.0
0.3
V
USB_DM and USB_DP
High speed:
-10
10
mV
USB_DM and USB_DP
VOL
DVDD= 3.15V, IOL = 4mA
0.4
V
Low-level output voltage
(dual-voltage LVCMOS I/Os at 3.3V)
DVDD= 3.15V, IOL = 100 mA
0.2
V
Low-level output voltage
DVDD= 1.65V, IOL = 2mA
0.45
V
(dual-voltage LVCMOS I/Os at 1.8V)
VI = VSS to DVDD without opposing
±9
mA
internal resistor
Input current(1)
VI = VSS to DVDD with opposing
70
310
mA
(dual-voltage LVCMOS I/Os)
internal pullup resistor (3)
II
(2)
VI = VSS to DVDD with opposing
-75
-270
mA
internal pulldown resistor (3)
VI = VSS to DVDD with opposing
Input current (DDR2/mDDR I/Os)
-77
-286
mA
internal pulldown resistor (3)
High-level output current(1)
IOH
All peripherals
-6
mA
(dual-voltage LVCMOS I/Os)
Low-level output current(1)
IOL
All peripherals
6
mA
(dual-voltage LVCMOS I/Os)
Input capacitance (dual-voltage LVCMOS)
3
pF
Capacit
Output capacitance (dual-voltage
ance
3
pF
LVCMOS)
(1)
These IO specifications apply to the dual-voltage IOs only and do not apply to the DDR2/mDDR or SATA interfaces. DDR2/mDDR IOs
are 1.8V IOs and adhere to the JESD79-2A standard.
(2)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(3)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
68
Device Operating Conditions
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com