Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 134 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 130Page - Texas Instruments AM1808AZCE4 Datasheet HTML 131Page - Texas Instruments AM1808AZCE4 Datasheet HTML 132Page - Texas Instruments AM1808AZCE4 Datasheet HTML 133Page - Texas Instruments AM1808AZCE4 Datasheet HTML 134Page - Texas Instruments AM1808AZCE4 Datasheet HTML 135Page - Texas Instruments AM1808AZCE4 Datasheet HTML 136Page - Texas Instruments AM1808AZCE4 Datasheet HTML 137Page - Texas Instruments AM1808AZCE4 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-49. McASP Registers Accessed Through Peripheral Configuration Port (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01D0 0220
XBUF8(1)
Transmit buffer register for serializer 8
0x01D0 0224
XBUF9(1)
Transmit buffer register for serializer 9
0x01D0 0228
XBUF10(1)
Transmit buffer register for serializer 10
0x01D0 022C
XBUF11(1)
Transmit buffer register for serializer 11
0x01D0 0230
XBUF12(1)
Transmit buffer register for serializer 12
0x01D0 0234
XBUF13(1)
Transmit buffer register for serializer 13
0x01D0 0238
XBUF14(1)
Transmit buffer register for serializer 14
0x01D0 023C
XBUF15(1)
Transmit buffer register for serializer 15
0x01D0 0280
RBUF0(2)
Receive buffer register for serializer 0
0x01D0 0284
RBUF1(2)
Receive buffer register for serializer 1
0x01D0 0288
RBUF2(2)
Receive buffer register for serializer 2
0x01D0 028C
RBUF3(2)
Receive buffer register for serializer 3
0x01D0 0290
RBUF4(2)
Receive buffer register for serializer 4
0x01D0 0294
RBUF5(3)
Receive buffer register for serializer 5
0x01D0 0298
RBUF6(3)
Receive buffer register for serializer 6
0x01D0 029C
RBUF7(3)
Receive buffer register for serializer 7
0x01D0 02A0
RBUF8(3)
Receive buffer register for serializer 8
0x01D0 02A4
RBUF9(3)
Receive buffer register for serializer 9
0x01D0 02A8
RBUF10(3)
Receive buffer register for serializer 10
0x01D0 02AC
RBUF11(3)
Receive buffer register for serializer 11
0x01D0 02B0
RBUF12(3)
Receive buffer register for serializer 12
0x01D0 02B4
RBUF13(3)
Receive buffer register for serializer 13
0x01D0 02B8
RBUF14(3)
Receive buffer register for serializer 14
0x01D0 02BC
RBUF15(3)
Receive buffer register for serializer 15
(2)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
(3)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
Table 6-50. McASP Registers Accessed Through DMA Port
ACCESS TYPE
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
Read Accesses
0x01D0 2000
RBUF
Receive buffer DMA port address. Cycles through receive
serializers, skipping over transmit serializers and inactive
serializers. Starts at the lowest serializer at the beginning of each
time slot. Reads from DMA port only if XBUSEL = 0 in XFMT.
Write Accesses
0x01D0 2000
XBUF
Transmit buffer DMA port address. Cycles through transmit
serializers, skipping over receive and inactive serializers. Starts at
the lowest serializer at the beginning of each time slot. Writes to
DMA port only if RBUSEL = 0 in RFMT.
Table 6-51. McASP AFIFO Registers Accessed Through Peripheral Configuration Port
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01D0 1000
AFIFOREV
AFIFO revision identification register
0x01D0 1010
WFIFOCTL
Write FIFO control register
0x01D0 1014
WFIFOSTS
Write FIFO status register
0x01D0 1018
RFIFOCTL
Read FIFO control register
0x01D0 101C
RFIFOSTS
Read FIFO status register
134
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com