Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74LVC1T45 Datasheet HTML 17Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 18Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 19Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 20Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 21Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 22Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 23Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 24Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
21 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
a. HIGH to LOW propagation delay (A to B)
b. LOW to HIGH propagation delay (A to B)
c. HIGH to LOW propagation delay (B to A)
d. LOW to HIGH propagation delay (B to A)
(1) VCC(B) = 1.2 V.
(2) VCC(B) = 1.5 V.
(3) VCC(B) = 1.8 V.
(4) VCC(B) = 2.5 V.
(5) VCC(B) = 3.3 V.
(6) VCC(B) = 5.0 V.
Fig 14. Typical propagation delay vs load capacitance; Tamb = 25 °C; VCC(A) = 5 V
CL (pF)
035
001aai927
14
tPHL
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(4)
(2)
(3)
(6)
CL (pF)
035
001aai928
14
tPLH
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(4)
(2)
(3)
(6)
CL (pF)
035
001aai929
14
tPHL
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(4)
(2)
(3)
(6)
CL (pF)
035
001aai930
14
tPLH
(ns)
0
2
4
6
8
10
12
5
1015202530
(1)
(5)
(4)
(2)
(3)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com