Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G06GD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC3G06GD
Description  Triple inverter with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G06GD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC3G06GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVC3G06_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 12 March 2009
3 of 16
NXP Semiconductors
74LVC3G06
Triple inverter with open-drain output
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT833-1 (XSON8)
74LVC3G06
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aab841
1
2
3
4
6
5
8
7
74LVC3G06
3A
1Y
VCC
2Y
2A
3Y
1A
GND
001aab842
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2 (XSON8U)
Fig 7.
Pin configuration SOT902-1 (XQFN8U)
001aaj791
74LVC3G06
Transparent top view
8
7
6
5
1
2
3
4
1A
3Y
2A
GND
VCC
1Y
3A
2Y
001aag242
3Y
3A
1A
2A
1Y
2Y
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC3G06
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1,
SOT833-1 and SOT996-2
SOT902-1
1A, 2A, 3A
1, 3, 6
7, 5, 2
data input
1Y, 2Y, 3Y
7, 5, 2
1, 3, 6
data output
GND
4
4
ground (0 V)
VCC
8
8
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com