Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G06GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC3G06GD
Description  Triple inverter with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G06GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC3G06GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G06GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVC3G06 provides three inverting buffers.
The output of this device is an open drain and can be connected to other open-drain
outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall
time.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing a damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant input/output for interfacing with 5 V logic
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8-B/JESD36 (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I −24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Inputs accept voltages up to 5 V
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC3G06
Triple inverter with open-drain output
Rev. 07 — 12 March 2009
Product data sheet


Similar Part No. - 74LVC3G06GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G06GN NEXPERIA-74LVC3G06GN Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
74LVC3G06GS NEXPERIA-74LVC3G06GS Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
logo
NXP Semiconductors
74LVC3G06GT PHILIPS-74LVC3G06GT Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G06GT NEXPERIA-74LVC3G06GT Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
More results

Similar Description - 74LVC3G06GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G06 PHILIPS-74LVC3G06 Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Toshiba Semiconductor
TC7WZ05FK TOSHIBA-TC7WZ05FK Datasheet
143Kb / 7P
Triple Inverter (open drain)
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
logo
NXP Semiconductors
74HC3G06 NXP-74HC3G06 Datasheet
92Kb / 13P
Triple inverter with open-drain outputs
Rev. 03-11 May 2009
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G06 NEXPERIA-74LVC3G06 Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com