Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74ADB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC74ADB
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC74ADB Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC74ADB Datasheet HTML 1Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVC74A_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 4 June 2007
3 of 16
NXP Semiconductors
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 5.
Pin configuration for SO14 and (T)SSOP14
Fig 6.
Pin configuration for DHVQFN14
74
1RD
VCC
1D
2RD
1CP
2D
1SD
2CP
1Q
2SD
1Q
2Q
GND
2Q
001aad106
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aad107
74
Transparent top view
1Q
2Q
1Q
2SD
1SD
2CP
1CP
2D
2RD
1D
GND(1)
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1RD
1
asynchronous reset-direct input (active LOW)
1D
2
data input
1CP
3
clock input (LOW-to-HIGH, edge-triggered)
1SD
4
asynchronous set-direct input (active LOW)
1Q
5
true output
1Q
6
complement output
GND
7
ground (0 V)
2Q
8
complement output
2Q
9
true output
2SD
10
asynchronous set-direct input (active LOW)
2CP
11
clock input (LOW-to-HIGH, edge-triggered)
2D
12
data input
2RD
13
asynchronous reset-direct input (active LOW)
VCC
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com