Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74ADB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC74ADB
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC74ADB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC74ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 10Page - NXP Semiconductors 74LVC74ADB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVC74A_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 4 June 2007
7 of 16
NXP Semiconductors
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL × VCC2 × fo) = sum of the outputs
11. AC waveforms
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5 × VCC at VCC < 2.7 V;
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The clock input (nCP) to output (nQ, nQ) propagation delays, the clock pulse width, the nD to nCP set-up,
the nCP to nD hold times, and the maximum frequency
mna422
th
tsu
th
tPHL
tPHL
tW
tPLH
tPLH
tsu
1/fmax
VM
VM
VM
VM
VI
GND
VI
GND
nCP input
nD input
VOH
VOL
nQ output
VOH
VOL
nQ output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com