Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 4 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 4 Page - Yamar Electronics Ltd.

  SFSL5.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
4
DS-SIG40 R1.8
3.2
Sleep Mechanism
Three signals are dedicated for Sleep wakeup mechanism
3.2.1
nSleep
Sleep control input from the host. This pin is high for normal operation, and low for Sleep Mode. When
not in use, this pin should be pulled Up.
3.2.2
Wake
Local wakeup input. Negative or positive edge wakes up the device. When not in use, this pin should be
pulled Up or Down.
3.2.3
INH
Inhibit output for enabling the host (or an external voltage regulator powering the host. This output is
LOW when in Sleep Mode, and HIGH in normal operation and after a wakeup event.
3.3
Line interface
Whenever a dual channel F0/F1 is required, the line interface is described in figure 3.2. It requires
addition analog switch such as FSA157 and two transistors for Tx and Rx drivers.
Figure 3.2 – DC - line interface block diagram
The line interface signals are:
3.3.1
DTxO
Modulated transmit signal output
3.3.2
TxOn
High when the device is transmitting
3.3.3
MF0nF1
Output signal indicates the selected channel. F0=”High”, F1= “Low”.
3.3.4
RxP
Comparator’s positive pin input signal. It swings around RxN.
3.3.5
RxN
Comparator’s negative pin input signal. Its value should be about Vcc/2.
Tx.
Modulator
Rx.
Demodulator
Tx.
Driver
Rx.
Buffer
Ceramic
Filter F1
DC Line
MF0nF1
Ceramic
Filter F0
Data In
Data Out
DTxO
RxOn
TxOn
RxP
RxN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com