Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 6 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 6 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
6
DS-SIG40 R1.8
3.4
Frequency Control
The device is designed for operation in two selectable carrier frequencies (channels).
Presence of an interference signal can be read from the device internal register.
3.4.1
Operating Frequency
Bit 0 in control register 0 determines the operating channel F1 or F0.
3.4.2
InterfHop
When high, the device switches its channel automatically whenever an interference signal is detected in
the operating frequency. If the device did not receive any data in the new channel it will return to the
previous channel after 2Sec. if, again, no data has been received for 2Sec. and the interference has
stopped, it will switch frequency once more and will stay at the new channel.
3.4.3
MF0nF1
Output signal indicates the selected channel. F0=”High”, F1= “Low”.
3.5
Crystal Oscillator
The SIG40 is designed to operate with a low cost 32.768KHz crystal connected between OscIn and
OscOut pins. This type of crystal has the advantage of very low power consumption and low cost.
However there are also drawbacks. It is very sensitive to noise and has a temperature dependency that
should be carefully considered when selecting the crystal.
The following guidelines should be used when designing the PCB:
1.
Design the trace length as short as possible.
2.
Avoid thin line on resonator traces (< 0.010"), keep them as wide as possible.
3.
To avoid noise, protect these signals with Ground shields.
The values of C1, C2 in Figure 3.3 oscillator circuitry should be determined according to the crystal
manufacturer recommendations.
3.5.1
Recommended 32.768KHz Crystal Specifications
Type
Value
Nominal Frequency:
32.768KHz
Frequency tolerance @25ºC
+/-20 ppm
Load capacitance
12.5 pF
Serial resistance
50K Ohm (max.)
Drive level
1uW (max.)
Quality factor
50,000 (max.)
Turnover temperature
+25ºC +/- 5ºC
Parabolic constant
-0.04 ppm/ºC² (max.)
Aging
+/-3 ppm in first year (max.)
Operating temperature
-40ºC to + 85ºC
Storage temperature
-55ºC to + 125ºC
The overall frequency tolerance should not exceed 200ppm.
3.6
PLL Power Pins
VccPLL should be connected to Vcc. GndPLL should be connected to ground. The PLL supply has to
be sufficiently powered, to avoid any fluctuations of power supply. A capacitor of at least 47uF should
be connected as close as possible to these pins. It is recommended to keep the lines between 3.3V
power supply and the Vcc pins as short as possible with wide PCB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com