Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL4.5MDB Datasheet(PDF) 7 Page - Yamar Electronics Ltd.

Part # SFSL4.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL4.5MDB Datasheet(HTML) 7 Page - Yamar Electronics Ltd.

Back Button SFSL4.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
7
DS-SIG61 R0.932
3.2 Ceramic Filter
The SIG61 can operate with a single ceramic filter for transmission and reception. If, however,
switching between two channels is desired, two ceramic filters will be required. The minimum allowable
3dB bandwidth of the ceramic filters is ±70 kHz. Choosing a narrower bandwidth shall limit the
maximum achievable bit rate.
The SIG61 selectable carrier frequencies are chosen in accordance with ceramic filter values available
in the market.
Nominal
freq.
[MHz]
3 dB BW
[KHz]
20dB
BW
[KHz]
Insertion
loss
[dB]
Stop band
attenuation
[dB]
In/Out
imped.
[ ]
Murata
part #
Oscilent
part #
*1.75
Discrete
4.50
±70
750
6.0
30
1000
SFSL4.5MDB
773-0045
5.50
±80
750
6.0
30
600
SFSL5.5MDB
773-0055
6.00
±80
750
6.0
30
470
SFSL6.0MDB
773-0060
6.50
±80
800
6.0
30
470
SFSL6.5MDB
773-0065
**10.50
±150
4.5
330
SFELF10M5JAA001-B0
Discrete filter for 115.2Kbps
**13.00
±280
4.5
330
SFELK13M0JA00-B0
*1.75
Discrete
* 1.75MHz can operate only at 9.6Kbps
** 10.5MHz and 13.00MHz can operate at 115.2Kbps instead of 9.6Kbps.
3.3
Oscillator
The SIG61 is designed to operate with a low cost 4MHz crystal connected between OscIn and
OscOut pins. Each of these pins should be connected to the ground via a capacitor. All the
corresponding PCB traces should be as short as possible.
Recommended crystals are:
1.
NDK AT-51 GW.
2.
Epson MA-506.
The values of C1, and C2 in Figure 3.3, pertaining to the oscillator circuitry, should be determined
according to the crystal manufacturer recommendations. Values between 0pF and 4.7pF may serve as
good starting point.
The overall frequency tolerance should not exceed 200ppm.
3.4
Communication performance
The maximum cable length between two devices depends mainly on the AC impedance of loads
connected to that line and number of nodes. The DC cable length has less effect on communication.
The SIG61 requires a minimum received signal of 20mVpp for proper reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com