Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL4.5MDB Datasheet(PDF) 1 Page - Yamar Electronics Ltd.

Part # SFSL4.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL4.5MDB Datasheet(HTML) 1 Page - Yamar Electronics Ltd.

  SFSL4.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
1
DS-SIG61 R0.932
1 GENERAL
The SIG61 is an independent slave in a DC-BUS Powerline communication network controlled by a
SIG60 master device. The SIG61 has 4 identification (ID) pins, used to set the device address, 8 input
pins and 8 output pins. The master can access any SIG61 device independently by using the proper
device address. Data received from a remote SIG60 Master device is reflected to its output pins. The
Master device can read the SIG61 input pins remotely. Its small footprint integrates most of the
components needed for proper operation allowing small-size control solutions.
The SIG61 is an economical slave device for applications such as controlling motors, reading sensors
etc., eliminating the need for dedicated control wires and a host controller for its operation. It helps
reducing the harness size and increase reliability. The SIG61 has a sleep mode that enables power
saving; special Wakeup messages on the DC line are used to signal the sleeping devices to return to
normal operation mode.
The SIG61 is useful for a wide range of Automotive, Avionics and Industrial applications such as sensor
reading, actuator activation, doors, seats, mirrors, climate control, lights, Truck-Trailer, etc.
Figure 1.1 - SIG61 Application example
Applications
•••• Truck-Trailer sub-bus
•••• Door module
•••• Climate control network
•••• Front and back Lights
•••• Sensors Actuators network
•••• Entertainment control
•••• Green Energy management
• Security Monitoring
Features
•••• 7 selectable Carrier frequencies 1.75MHz - 13MHz
•••• Selectable bit rate between 9.6 Kbps to 115.2 Kbps.
•••• 8 output and 8 input pins
•••• Eliminates data wires and transceiver.
•••• Operates over wide range of noisy power supply / battery lines.
•••• Byte oriented communication.
•••• Sleep Mode for low power consumption.
•••• Allows Master - Slave multiplex networks
•••• Several independent networks can operate over the same wire
using different carrier frequencies.
•••• Small footprint QFN 64 pin package
Host
Master
Battery Power Line
8
8
ID
SIG61
4
8
8
ID
SIG61
4
YAMAR
Ele c tro ni cs L td
Preliminary Data Sheet
This information is preliminary and may be changed without notice
SIG61 - Smart Slave for
DC-BUS Powerline Network


Similar Part No. - SFSL4.5MDB

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SFSL4.5MDB YAMAR-SFSL4.5MDB Datasheet
169Kb / 12P
Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
SFSL4.5MDB YAMAR-SFSL4.5MDB Datasheet
134Kb / 12P
for DC-LIN Asynchronous Communication Over Noisy Lines
SFSL4.5MDB YAMAR-SFSL4.5MDB Datasheet
555Kb / 14P
UART over Powerline for AC/DC-BUS Network
More results

Similar Description - SFSL4.5MDB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-240SH RECOM-RP03-240SH Datasheet
93Kb / 2P
POWERLINE - DC/DC - CONVERTER
RP100-483305DS RECOM-RP100-483305DS Datasheet
136Kb / 2P
POWERLINE - DC/DC - CONVERTER
RP30-2418SE RECOM-RP30-2418SE Datasheet
113Kb / 2P
POWERLINE - DC/DC - CONVERTER
RP40-2433SG RECOM-RP40-2433SG Datasheet
110Kb / 3P
POWERLINE - DC/DC - CONVERTER
logo
Yamar Electronics Ltd.
SIG60 YAMAR-SIG60 Datasheet
555Kb / 14P
UART over Powerline for AC/DC-BUS Network
logo
Texas Instruments
TSS521 TI1-TSS521 Datasheet
807Kb / 17P
Meter-Bus Transceiver (for Slave) Meets
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61_17 Datasheet
476Kb / 16P
Smart Slave for Multiplex Powerline Network
logo
Schneider Electric
SR3MBU01BD SCHNEIDER-SR3MBU01BD Datasheet
109Kb / 4P
Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Sep 9, 2021
logo
Yamar Electronics Ltd.
SIG102 YAMAR-SIG102 Datasheet
3Mb / 38P
Multi I/O Control over DC Powerline Network
R 0.88
logo
Schneider Electric
SR3MBU01BD SCHNEIDER-SR3MBU01BD_V01 Datasheet
158Kb / 4P
Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Mar 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com