Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2021 Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2021 Datasheet HTML 1Page - NXP Semiconductors UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
2 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
4.
Ordering information
5.
Block diagram
Itot
total supply current
fB = 43 kHz
-
1
-
mA
RG1(on),
RG2(on)
high and low side on
resistance
-
126
-
Ω
RG1(off),
RG2(off)
high and low side off
resistance
-75
-
Ω
Feed-forward
fff
feed-forward frequency
IRHV = 0.75 mA
-
63.6
-
kHz
IRHV = 1.0 mA
-
84.5
-
kHz
Ii(RHV)
operating range of input
current at pin RHV
0
-
1000
µA
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
UBA2021T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
UBA2021P
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
Fig 1.
Block diagram
mgs988
UBA2021
SUPPLY
BAND GAP
REFERENCE
OSCILLATOR
TIMING
CI
2
G1
CONTROL
RS
MONITOR
NON
OVERLAP
LEVEL
SHIFTER
SB
HIGH SIDE
DRIVER
LOW SIDE
DRIVER
1
FS
14
CF
12
RREF
10
VS
n.c.
5
RHV
13
4
CP
8
RS
9
bootstrap
charging circuit
3
S1
6
G2
7
11
PGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com