Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2021 Datasheet(HTML) 3 Page - NXP Semiconductors

  UBA2021 Datasheet HTML 1Page - NXP Semiconductors UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
3 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
7.1 Introduction
The UBA2021 is an integrated circuit for electronically ballasted compact fluorescent
lamps and their derivatives operating with mains voltages up to 240 V (RMS). It provides
all the necessary functions for preheat, ignition and on-state operation of the lamp. In
addition to the control function, the IC provides level shift and drive functions for the two
discrete power MOSFETs, T1 and T2 (see Figure 7).
Fig 2.
Pin configuration (SO14)
Fig 3.
Pin configuration (DIP14)
UBA2021T
FS
CI
G1
RHV
S1
CF
n.c.
SGND
VS
RREF
G2
RS
PGND
CP
001aai566
1
2
3
4
5
6
7
8
10
9
12
11
14
13
UBA2021P
FS
CI
G1
RHV
S1
CF
n.c.
SGND
VS
RREF
G2
RS
PGND
CP
001aai567
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
FS
1
high side floating supply voltage
G1
2
gate high transistor (T1)
S1
3
source high transistor (T1)
n.c.
4
high-voltage spacer, not to be connected
VS
5
low voltage supply
G2
6
gate low transistor (T2)
PGND
7
power ground
CP
8
timing/averaging capacitor
RS
9
current monitoring input
RREF
10
reference resistor
SGND
11
signal ground
CF
12
oscillator capacitor
RHV
13
start-up resistor/feed-forward resistor
CI
14
integrating capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com